Electronic Components Datasheet Search
  English  ▼

X  

MSM6546 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM6546
Description  Operatable at 0.9 V and Built-in LCD Driver 4-Bit Microcontroller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6546 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM6546 Datasheet HTML 8Page - OKI electronic componets MSM6546 Datasheet HTML 9Page - OKI electronic componets MSM6546 Datasheet HTML 10Page - OKI electronic componets MSM6546 Datasheet HTML 11Page - OKI electronic componets MSM6546 Datasheet HTML 12Page - OKI electronic componets MSM6546 Datasheet HTML 13Page - OKI electronic componets MSM6546 Datasheet HTML 14Page - OKI electronic componets MSM6546 Datasheet HTML 15Page - OKI electronic componets MSM6546 Datasheet HTML 16Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13/16
MSM6546/6546L
¡ Semiconductor
NOTES ON USE
Power Supply for 0.9 V Microcontroller Series (Backup Flag and Constant-Voltage Circuit)
The 0.9 V microcontroller devices have a built-in constant-voltage circuit. The output of this
constant-voltage circuit powers the microcontroller's internal logic circuits. Setting a backup
flag (BUF) allows the input of the constant-voltage circuit to be switched to either the battery
or the output generated in the voltage converter, based on the battery voltage. A battery voltage
of 1.5 V or 3.0 V can be selected.
The output (VEE) of the constant-voltage circuit is set at approximately –1.3 V. This allows the
current consumed by the internal logic to be limited, irrespective of the battery voltage.
However, if the input of the constant voltage circuit is below this set value (approximately –1.3
V), the output (VEE) is equal to the input. The 0.9 V microcontroller can be operated even if the
internal voltage (output from the constant voltage circuit) falls to 0.9 V. Setting the backup flag
allows a larger operating voltage margin despite changes in internal voltage due to noise. For
example, for the 1.5 V specification, setting the backup flag to "0" causes twice the battery
voltage to enter the constant-voltage circuit. Thus, even if the battery voltage falls to 0.9 V, the
output voltage (VEE) is maintained at –1.3 V to allow a larger margin of operating voltage for
the internal logic circuits, because 1.8 V is applied to the input of the constant-voltage circuit.
Figures 1 to 4 show the internal status depending on the backup flag settings for the battery, as
well as status features.
XTAL
VDD
(0 V)
VSS1
(–1.5 V)
VSS2
(–3.0 V)
VSS3*
(–4.5 V)
VEE
(About –1.3 V)
LCD driver*
Voltage
converter
Backup flag
(BUF)
Constant voltage circuit
VR
Internal logic
XT
XTB
*The VSS3 pin is provided for the devices that contain an
LCD driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com