Electronic Components Datasheet Search
  English  ▼

X  

AN7535NSA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN7535NSA
Description  Headphone amplifier IC for portable equipment
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7535NSA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN7535NSA Datasheet HTML 1Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 2Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 3Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 4Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 5Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 6Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 7Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 8Page - Panasonic Semiconductor AN7535NSA Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AN7535NSA
ICs for Audio Common Use
2
Pin No.
Description
13
Line amplifier ch.2 NF pin
14
Line amplifier ch.2 input pin
15
Headphone amplifier ch.2 input pin
16
Headphone amplifier ch.1 input pin
17
Line amplifier ch.1 input pin
18
Line amplifier ch.1 NF pin
19
Input GND
20
Headphone amplifier gain change-over pin
21
Beep input pin
22
Internal reference voltage
23
Mute pin
24
Mute time-constant
Pin No.
Description
1VCC1
2
Ripple filter
3
Supply voltage
4
Headphone amplifier ch.1 output pin
5N.C.
6
Center amplifier output pin
7
Output GND
8
Headphone amplifier ch.2 output pin
9
Line amplifier ch.1 output pin
10
Line amplifier supply voltage
11
Line amplifier ch.2 output pin
12
N.C.
s Pin Descriptions
s Absolute maximum ratings
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage*
1
VCC
1.8 to 3.4
V
VCC-LINE
1.8 to 3.4
V
(VCC to VCC + 0.2)
Parameter
Symbol
Rating
Unit
Supply voltage*
2
VCC
7V
Line amplifier supply voltage*
2
VCC-LINE
7V
Supply current
ICC
200.0
mA
Line amplifier supply current
ICC-LINE
20.0
mA
Power dissipation*
3
PD
370
mW
Operating ambient temperature*
1
Topr
−20 to + 75
°C
Storage temperature*
1
Tstg
−55 to + 150
°C
Notes)
*1 : All items are at Ta = 25°C, except for the operating ambient temperature and storage temperature parameters .
*2 : Without signal
*3: Ta = 75°C when mounted on the recommended printed circuit board (Glass epoxy board 50 mm × 50 mm × t0.8 mm)
*4 : Use under the condition of VCC-LINE ≥ VCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com