Electronic Components Datasheet Search
  English  ▼

X  

MSM6655 Datasheet(PDF) 39 Page - OKI electronic componets

Part # MSM6655
Description  SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6655 Datasheet(HTML) 39 Page - OKI electronic componets

Back Button MSM6655 Datasheet HTML 35Page - OKI electronic componets MSM6655 Datasheet HTML 36Page - OKI electronic componets MSM6655 Datasheet HTML 37Page - OKI electronic componets MSM6655 Datasheet HTML 38Page - OKI electronic componets MSM6655 Datasheet HTML 39Page - OKI electronic componets MSM6655 Datasheet HTML 40Page - OKI electronic componets MSM6655 Datasheet HTML 41Page - OKI electronic componets MSM6655 Datasheet HTML 42Page - OKI electronic componets MSM6655 Datasheet HTML 43Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
¡ Semiconductor
MSM6679A-110 Voice Recognition Processor
37
Speak (Continued)
Opcode
Action
Return Value
F451h ~
F47Ch
If enabled, this value is returned upon
completion of playback.
F400h
Speak Phrase from High Internal/External
Memory. If no sound is defined for a selected
index, the MSM6679A-110 plays a beep. The
default phrases supplied with the MSM6679A-
110 in the larger upper playback memory area
are listed below.
"0" simulated DTMF tone.
"1" simulated DTMF tone.
"2" simulated DTMF tone.
"3" simulated DTMF tone.
"4" simulated DTMF tone.
"5" simulated DTMF tone.
"6" simulated DTMF tone.
"7" simulated DTMF tone.
"8" simulated DTMF tone.
"9" simulated DTMF tone.
"*" simulated DTMF tone.
F452h
F451h
F453h
F454h
F455h
F456h
F457h
F458h
F459h
F45Ah
F45Bh
F45Ch
"#" simulated DTMF tone.
F47D
—
—
Reserved. This command is reserved for future
use.
F47Eh
If enabled, this value is returned upon
completion of playback.
F400h
Beep. This causes the MSM6679A-110 to beep
for 50 ms.
F47Fh
If enabled, this value is returned upon
completion of playback.
F400h
Pause. This command can be issued while the
MSM6679A-110 is performing sound output
and is then put in the MSM6679A-110
command stack for subsequent processing.
When this command is executed, sound output
pauses for 0.2 sec.
The pause command is useful for word
spacing.
F480h
None.
Set MSM6654 Mode. This command causes
the MSM6679A-110 to initialize
the external MSM665x device, also clearing the
device from BUSY mode.
F481h -
F4FFh
If enabled, this value is returned upon
completion of playback.
If NAR is set, the F400h command is
sent when the MSM665x device is ready
for another command. If busy mode is
selected, the F400 command is
returened when the sound is finished.
F400h
Playback Sound from MSM665x Device. This
command causes the MSM6679A-110 to issue
a speak command to the MSM665x slave
device.
The value is passed on the MSM665x device as
01h - 07Fh. The actual phrase is determined by
the vocabulary programmed into the MSM665x
device. Up to 127 external phrases are
supported.
F50Bh
None.
Set MSM665x Busy Mode ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com