Electronic Components Datasheet Search
  English  ▼

X  

MSM66P56 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM66P56
Description  SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66P56 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM66P56 Datasheet HTML 9Page - OKI electronic componets MSM66P56 Datasheet HTML 10Page - OKI electronic componets MSM66P56 Datasheet HTML 11Page - OKI electronic componets MSM66P56 Datasheet HTML 12Page - OKI electronic componets MSM66P56 Datasheet HTML 13Page - OKI electronic componets MSM66P56 Datasheet HTML 14Page - OKI electronic componets MSM66P56 Datasheet HTML 15Page - OKI electronic componets MSM66P56 Datasheet HTML 16Page - OKI electronic componets MSM66P56 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
¡ Semiconductor
MSM6679A-110 Voice Recognition Processor
11
Pin #
84-pin/
100-pin
75/77
Pin Name
N/C
Signal Type
Description
76/78
N/C
77/79
N/C
(do not connect)
Reserved. These pins are reserved for future use and must be left open.
78/80
N/C
79/81
N/C
80/82
N/C+
Input
Reserved. This pin is reserved for future use and must be tied to VDD.
81/83
RES
Input
MSM6679A-110 Reset. External logic should assert this power-on
reset signal LOW when power is applied to the MSM6679A-110.
82/84
EA
Input
External ROM Address Select. This control signal enables external
ROM execution. This signal is usually connected to ROMPAGE1 and a
pullup resistor.
83/85
VDD
Positive digital supply Power.
-/86
N/C
(not connected)
Reserved. This pin is reserved for future use and should be left open.
84/87
AVDD
Analog power supply
Analog Power.
-/88
N/C
(not connected)
Reserved. This pin is reserved for future use and should be left open.
-/100
N/C
(not connected)
Reserved. This pin is reserved for future use and should be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com