Electronic Components Datasheet Search
  English  ▼

X  

CPS Datasheet(PDF) 1 Page - Schurter Inc.

Part # CPS
Description  Capacitive switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

CPS Datasheet(HTML) 1 Page - Schurter Inc.

  CPS Datasheet HTML 1Page - Schurter Inc. CPS Datasheet HTML 2Page - Schurter Inc. CPS Datasheet HTML 3Page - Schurter Inc. CPS Datasheet HTML 4Page - Schurter Inc. CPS Datasheet HTML 5Page - Schurter Inc. CPS Datasheet HTML 6Page - Schurter Inc. CPS Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Metal Line Switches
CPS
https://www.schurter.com /PG70
Switches
Capacitive switch
CPS
Ring illumination
green
CPS
Illumination area
red
CPS
Ring illumination
blue
See below:
Approvals and Compliances
Description
- Capacitive touch sensor as momentary push button (NO or NC) or as
latching switch (LA)
- Protection against unintended switching
- Multicolor illumination
- Potential free output contacts
- Laser lettering possible
- Vandal resistant
- Wires (8 wires for Multicolor, 4 wires otherwise)²; 26AWG, 0.128 mm²
Unique Selling Proposition
- Variable supply voltage
- Constant LED intensity
- Inputs protected against overvoltage
- Galvanic separated outputs
Characteristics
- Housing made from stainless steel
- Various illumination colors and color combinations possible
- Touch surface made from scratch-resistant ceramics with area illumi-
nation or made from stainless steel with ring illumination
- Ring or area illumination
- Wearless, no moving parts
- Attractive design with or without finger guide available
Weblinks
pdf data sheet, html datasheet, General Product Information, CAD-
Drawings, Product News, Detailed request for product, Microsite
Important information
- The CPS is not suitable for use in sanitary or other applications exposed to water or other liquids.
- The housing is connected to gnd.
Technical Data
Electrical Data
Switching Function
momentary (NO¹) or latching
Switching Voltage
max. 42 VAC␣/ 60 VDC
Switching Current
max. 100 mA
Electrical Rating
1 W
Switch Resistance OFF
> 10 M
Ω
Switch Resistance ON
< 16
Ω
Supply Voltage
5 - 28 VDC
Current Consumption all LEDs
off
2.5 mA (switch is open)
8.5 mA (switch is closed)
Current Consumption 1 LED
on
8.0 mA (switch is open)
14.0 mA (switch is closed)
Current Consumption 2 LED
on
14.0 mA (switch is open)
20.0 mA (switch is closed)
Current Consumption 3 LED
on
19.0 mA (switch is open)
25.0 mA (switch is closed)
Reverse Polarity Protection
yes
Short Circuit Protection
yes
Output Type
OptoMOS Relay
Lifetime
5 million actuations
connection type
Wires (8 wires for Multicolor, 4 wires
otherwise)²; 26AWG, 0.128 mm²
Mechanical Data
Actuation Type
capacitive
Actuating Force
none
Shock Protection
IK09
Mounting Depth
with Finger Guide: 30.3 mm
without Finger Guide: 30 mm
Tightening Torque Plastic Nut
2.5 Nm
Climatical Data
Operating Temperature
-40 to 60 °C
Storage Temperature
-40 to 85 °C
IP Protection Class Front Side IP67 acc. to IEC 60529
Salt Spray Test (acc. to DIN
50021-SS)
24 h / 48 h / 96 h Residence Time
Material
Housings
Stainless Steel
Actuator
Area Illumination: Ceramics
Ring Illumination: Stainless steel
Illuminated Ring (Ring Illumi-
nation)
PMMA
Seal Ring
NBR70
¹ on request also available as NC / ² on request also available with cable or connector
Approvals and Compliances


Similar Part No. - CPS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CPS SCHURTER-CPS Datasheet
809Kb / 8P
Capacitive switch
CPS SCHURTER-CPS Datasheet
800Kb / 8P
Capacitive switch
CPS SCHURTER-CPS Datasheet
747Kb / 7P
Capacitive switch
05.01.2022
logo
CUI INC
CPS-105100-110SPM CUI-CPS-105100-110SPM Datasheet
300Kb / 4P
SIREN
01/07/2021
CPS-105110-108SPM CUI-CPS-105110-108SPM Datasheet
305Kb / 4P
SIREN
01/07/2021
More results

Similar Description - CPS

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
Capacitive Switch Controller ICs
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
Capacitive Switch Controller IC
logo
Schurter Inc.
CPS SCHURTER-CPS Datasheet
809Kb / 8P
Capacitive switch
CPS_1810 SCHURTER-CPS_1810 Datasheet
800Kb / 8P
Capacitive switch
logo
Rohm
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
Capacitive Switch Controller IC
logo
Schurter Inc.
CPS SCHURTER-CPS_V02 Datasheet
747Kb / 7P
Capacitive switch
05.01.2022
logo
Rohm
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
Capacitive Switch Controller IC
18.Dec.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com