Electronic Components Datasheet Search
  English  ▼

X  

FPG2 Datasheet(PDF) 2 Page - Schurter Inc.

Part # FPG2
Description  Shock-Safe Fuseholder, 5 x 20 mm, Slotted Cap/Fingergrip, Rear-Side, IP 40 / IP 67, IEC 60335-1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FPG2 Datasheet(HTML) 2 Page - Schurter Inc.

  FPG2 Datasheet HTML 1Page - Schurter Inc. FPG2 Datasheet HTML 2Page - Schurter Inc. FPG2 Datasheet HTML 3Page - Schurter Inc. FPG2 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Fuseholder
FPG2
https://www.schurter.com /PG02
Circuit Protection
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: FPG2
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 127216
UL Approvals
UL
UL File Number: E39328
KTL Approvals
KTL
Korea Testing Laboratory
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
IEC 60127-6
Miniature fuses. Part 6. Fuse-holders for miniature fuse-links
Designed according to
UL 4248-1
Industrial Control Equipment
Designed according to
CSA C22.2 no. 4248.1
Industrial Control Equipment
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements
Designed for applications acc.
IEC 60335-1
Safety of electrical appliances for household and similar purposes. Meets
the requirements for appliances in unattended use. This includes the
enhanced requirements of glow wire tests acc. to IEC 60695-2-11 or -12
& -13.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
UKCA declaration of conformity
SCHURTER AG
The UKCA marking declares that the product complies with the applicable
requirements laid down in the British Amendment of Regulation (EC)
765/2008.
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
White Paper Glow wire test
SCHURTER AG
Meets the requirements of IEC 60335-1 for appliances in unattended use.
This includes the enhanced requirements of glow wire tests acc. to IEC
60695-2-11 or -12 &-13.
Dimension [mm]
46.5 mm
8
6
2.5
20
13.5
8
41.5
M12.7x1.5
SW14
IP40 / Variants 3101.0020 and 3101.0220
8
2.5
4
20
13.5
8
41.5
M12.7x1.5
SW14
18.5
46.5
6
IP40 / Variants Fingergrip 3101.0025 and 3101.0225



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com