Electronic Components Datasheet Search
  English  ▼

X  

TPCP8401 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCP8401
Description  Motor Dreive Notebook PC Portable Machines and Tools
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8401 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCP8401 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8401 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TPCP8401
2002-09-09
1
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type
(P Channel U-MOSⅣ / N Channel U-MOSⅢ)
TPCP8401
Motor Dreive
Notebook PC
Portable Machines and Tools
• Low drain-source ON resistance: P Channel RDS (ON) = 31 mΩ (typ.)
N Channel RDS (ON) = 20 mΩ (typ.)
• High forward transfer admittance: P Channel |Yfs| =
S (typ.)
N Channel |Yfs| =
S (typ.)
• Low leakage current:
P Channel IDSS = −10 µA (VDS = −30 V)
N Channel IDSS = 10 µA (VDS = 30 V)
• Enhancement-mode
: P Channel Vth = −0.8~−2.0 V (VDS = −10 V, ID = −1 mA)
: N Channel Vth = 1.3~2.5 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta
==== 25°C)
Rating
Characteristics
Symbol
P Channel N Channel
Unit
Drain-source voltage
VDSS
−30
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−30
30
V
Gate-source voltage
VGSS
±20
±20
V
DC
(Note 1)
ID
−3.5
4.5
Drain current
Pulse
(Note 1)
IDP
−14
18
A
Single-device operation
(Note 3a)
PD(1)
TBD
TBD
Drain power
dissipation
(t
= 10s)
(Note 2a)
Single-device value at
dual operation (Note 3b)
PD(2)
TBD
TBD
Single-device operation
(Note 3a)
PD(1)
TBD
TBD
Drain power
dissipation
(t
= 10s)
(Note 2b)
Single-device value at
dual operation (Note 3b)
PD(2)
TBD
TBD
W
Single pulse avalanche energy
EAS
2.0
(Note 4a)
3.3
(Note 4b)
mJ
Avalanche current
IAR
−1.75
2.25
A
Repetitive avalanche energy
Single-device value at operation
(Note 2a, 3b, 5)
EAR
TBD
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: (Note 1), (Note 2ab), (Note 3ab), (Note 4), (Note 5) Please see next page.
This transistor is an electrostatic sensitive device. Please handle with caution.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-6J1E
Weight: 0.080 g (typ.)
Circuit Configuration
5
6
8
7
Circuit
Configuration
JEDEC
―
JEITA
―
TOSHIBA
―
2.9
±0.2
0.95
1
4
3
6
0.95
2.9±0.1
0.3 +0.1/−0.05
0.65
1111
4444
5555
8888
0.475
0.025 M A
A
0.8±0.05
S
0.05 S
1:SOURCE1 5:DRAIN2
2:GATE1
6:DRAIN2
3:SOURCE2 7:DRAIN1
4:GATE2
8:DRAIN1
1
2
3
4
8
7
6
5
Drain power
dissipation
(t
= 10s)
(Note 2a)
N-ch
P-ch
Preliminary


Similar Part No. - TPCP8401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8401 TOSHIBA-TPCP8401 Datasheet
279Kb / 10P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS ??/ ?-MOS ??
TPCP8401 TOSHIBA-TPCP8401 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCP8401 TOSHIBA-TPCP8401_07 Datasheet
279Kb / 10P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS ??/ ?-MOS ??
More results

Similar Description - TPCP8401

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8302 TOSHIBA-TPCS8302 Datasheet
369Kb / 7P
Lithium lon Battery Applications Notebook PC Applications Portable Machines and Tools
07-May-2002
TPCS8303 TOSHIBA-TPCS8303_07 Datasheet
213Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Machines and Tools
16-Nov-2006
TPC8A01 TOSHIBA-TPC8A01_06 Datasheet
460Kb / 12P
DC-DC CONVERTER Notebook PC Portable Machines and Tools
TPCS8303 TOSHIBA-TPCS8303_09 Datasheet
226Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Machines and Tools
logo
Lumberg
CAS LUMBERG-CAS Datasheet
371Kb / 3P
Tools and harnessing machines
CAS31-03 LUMBERG-CAS31-03 Datasheet
387Kb / 3P
Tools and harnessing machines
CM03-01-0364 LUMBERG-CM03-01-0364 Datasheet
374Kb / 3P
Tools and harnessing machines
CM03-03-0364 LUMBERG-CM03-03-0364 Datasheet
374Kb / 3P
Tools and harnessing machines
CZK03 LUMBERG-CZK03 Datasheet
366Kb / 3P
Tools and harnessing machines
HA35F LUMBERG-HA35F Datasheet
537Kb / 3P
Tools and harnessing machines
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com