Electronic Components Datasheet Search
  English  ▼

X  

CTGS54F-101K Datasheet(PDF) 1 Page - Central Technologies

Part # CTGS54F-101K
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTGS54F-101K Datasheet(HTML) 1 Page - Central Technologies

  CTGS54F-101K Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 05.11.17
Power Inductors - Unshielded
www.ctparts.com
CTGS54F
Series
From 1.0 µH to 220 µH
SPECIFICATIONS
L Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Available
Number
(µH)
(_Hz)
(W)
(A)
Tolerance
CTGS54F-1R0M
1.0
7.96M
.015
5.9
M
CTGS54F-1R2M
1.2
7.96M
.020
5.2
M
CTGS54F-1R5M
1.5
7.96M
.025
4.7
M
CTGS54F-1R8M
1.8
7.96M
.030
4.0
M
CTGS54F-2R2M
2.2
7.96M
.035
3.8
M
CTGS54F-2R7M
2.7
7.96M
.040
3.4
M
CTGS54F-3R3M
3.3
7.96M
.045
3.3
M
CTGS54F-3R9M
3.9
7.96M
.050
2.9
M
CTGS54F-4R7M
4.7
7.96M
.060
2.8
M
CTGS54F-5R6M
5.6
7.96M
.070
2.4
M
CTGS54F-6R8M
6.8
7.96M
.080
2.1
M
CTGS54F-8R2M
8.2
7.96M
.090
2.0
M
CTGS54F-100_
10
2.52M
.10
1.4
K,L,M
CTGS54F-120_
12
2.52M
.12
1.4
K,L,M
CTGS54F-150_
15
2.52M
.14
1.3
K,L,M
CTGS54F-180_
18
2.52M
.15
1.2
K,L,M
CTGS54F-220_
22
2.52M
.18
1.1
K,L,M
CTGS54F-270_
27
2.52M
.20
.97
K,L,M
CTGS54F-330_
33
2.52M
.23
.88
K,L,M
CTGS54F-390_
39
2.52M
.32
.80
K,L,M
CTGS54F-470_
47
2.52M
.37
.72
K,L,M
CTGS54F-560_
56
2.52M
.42
.68
K,L,M
CTGS54F-680_
68
2.52M
.46
.61
K,L,M
CTGS54F-820_
82
2.52M
.60
.58
K,L,M
CTGS54F-101_
100
1.0k
.70
.52
K,L,M
CTGS54F-121_
120
1.0k
.93
.48
K,L,M
CTGS54F-151_
150
1.0k
1.1
.40
K,L,M
CTGS54F-181_
180
1.0k
1.4
.38
K,L,M
CTGS54F-221_
220
1.0k
1.6
.35
K,L,M
Not Shown at Actual Size
CHARACTERISTICS
PHYSICAL DIMENSIONS
PAD LAYOUT
Description: SMD power inductor
Applications: VTR power supplies, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters.
Operating Temperature: -40°C to +100°C
Inductance Tolerance: ±10%, ±15%, ±20%
Testing: Inductance is tested on an HP4284A or HP4285A at
specified frequency.
Packaging: Tape & Reel.
Marking: Parts are marked with inductance code.
Rated DC: The value of current when the inductance is 10%
lower than it’s initial value at 0 Adc or D.C. current when at
DT = 40°C whichever is lower.
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request.
Samples available. See website for ordering information.
B
C
D
A
Marking
A
B
C
D
Typ.
5.8±0.3
5.2±0.3
4.5±0.4
1.3
0.23±0.012
0.21±0.012
0.18±0.016
0.051
Size
mm
inches
Unit: mm(inch)
Please specify tolerance code when ordering.
CTGS54F-100_
K = ±10%, L = ±15%, M= ±20%


Similar Part No. - CTGS54F-101K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTGS54F-101K CT-CTGS54F-101K Datasheet
197Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTGS54F-101K

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com