Electronic Components Datasheet Search
  English  ▼

X  

34923 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 34923
Description  Pneumatic valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

34923 Datasheet(HTML) 1 Page - Festo Corporation.

  34923 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pneumatic valve
VLX-2-3/8-MS-NPT
Part number: 34923
Data sheet
Feature
Value
Type code
VLX
Structural design
Diaphragm valve
Actuation type
Pneumatic
Sealing principle
Soft
Mounting position
Any
Type of mounting
Line installation
Fitting connection
NPT3/8
Nominal width
13 mm
Valve function
2/2, closed, monostable
Flow direction
Non-reversible
Medium pressure
1 bar ... 10 bar
Exhaust air function
Without flow control option
Reset method
Pneumatic spring
Type of control
Pilot-controlled
Auxiliary pilot air port 12
M5
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Symbol
00991371
Medium
Filtered compressed air, 200 µm filter mesh
Temperature of medium
-10 °C ... 80 °C
Ambient temperature
-10 °C ... 60 °C
Standard nominal flow rate
3800 l/min
Housing material
Brass
Material of screws
High-alloy stainless steel
Material number of screw
1.4301
Product weight
470 g
11/18/21 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 34923

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34923 FREESCALE-34923 Datasheet
378Kb / 16P
Full-Bridge PWM Motor Driver
logo
Keysight Technologies
34923A KEYSIGHT-34923A Datasheet
1Mb / 35P
Multifunction Switch/Measure Unit
34923T KEYSIGHT-34923T Datasheet
1Mb / 35P
Multifunction Switch/Measure Unit
More results

Similar Description - 34923

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUWG-L10-B52-M5 FESTO-VUWG-L10-B52-M5 Datasheet
90Kb / 2P
Pneumatic valve
VUWG-L10-M52-R-M5 FESTO-VUWG-L10-M52-R-M5 Datasheet
87Kb / 2P
Pneumatic valve
VUWG-L10A-B52-M3 FESTO-VUWG-L10A-B52-M3 Datasheet
88Kb / 2P
Pneumatic valve
VUWG-L10A-M52-M-M3 FESTO-VUWG-L10A-M52-M-M3 Datasheet
89Kb / 2P
Pneumatic valve
VUWG-L10A-P53E-M3 FESTO-VUWG-L10A-P53E-M3 Datasheet
89Kb / 2P
Pneumatic valve
VUWG-L10-T32C-A-M7 FESTO-VUWG-L10-T32C-A-M7 Datasheet
92Kb / 2P
Pneumatic valve
VOFC-L-B52-G14-F19A FESTO-VOFC-L-B52-G14-F19A Datasheet
97Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-FG13-F19A FESTO-VOFC-LT-M32C-MC-FG13-F19A Datasheet
98Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19 FESTO-VOFC-LT-M32C-MC-G14-F19 Datasheet
89Kb / 2P
Pneumatic valve
VOFC-LT-M32C-MC-G14-F19A FESTO-VOFC-LT-M32C-MC-G14-F19A Datasheet
89Kb / 2P
Pneumatic valve
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com