Electronic Components Datasheet Search
  English  ▼

X  

FEP Datasheet(PDF) 1 Page - Schurter Inc.

Part # FEP
Description  Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FEP Datasheet(HTML) 1 Page - Schurter Inc.

  FEP Datasheet HTML 1Page - Schurter Inc. FEP Datasheet HTML 2Page - Schurter Inc. FEP Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Fuseholder
FEP
https://www.schurter.com /PG02
Circuit Protection
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
See below:
Approvals and Compliances
250 VAC · 2.5W/6.3A (VDE) · 500VAC/DC · 10A (UL/CSA)
Description
- Screw type fuse carrier
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Accessories, Detailed request for product, Microsite
Technical Data
Shock-Safe Category
PC1
Fuse-Link
5 x 20 mm
Mounting
Panel mount, Front Side
Attachment
Fixing Nut
Terminal
Solder / Quick-Connect 2.8 x 0.5 mm
Rated Voltage
250 VAC (VDE), 500 VAC/DC (UL/CSA)
Rated current
6.3 A (VDE), 10 A (UL/CSA)
Rated Power Acceptance IEC 2.5 W / 6.3 A @ Ta 23 °C
Admissible power acceptance at higher
ambient temperature see derating cur-
ves
Degree of Protection
IP42
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Admissible Ambient Air Temp. -25 °C to 85 °C
Climatic Category
25/085/21 acc. to IEC 60068-1
Material: Socket
Thermoset, black, UL 94V-0
Material: Cap
Thermoplastic
Material: Terminals
Copper alloy, tin-plated
Unit Weight
6.1 g / 4.6 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Type, Rated Voltage, Rated current,
Certification marks
Soldering Methods
Iron
Soldering Profile
Solderability
350 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 2
Resistance to Soldering Heat
350 °C / 10 sec acc. to IEC 60068-2-20,
Test Tb, method 2
Solderability
350 °C / 3 sec acc. to IEC 60068-2-20,
Test Ta, method 2
Contact Resistance
≤ 10mΩ at 100 mA
Dielectric Strength
> 1 kV between life parts
(50 Hz: 1 min)
Impulse Withstand Voltage
> 4 kV between life parts
Insulation Resistance
≥ 20MΩ between life parts
(1000 VDC: 1 min)
Overvoltage Category
II acc. to IEC 60664-1
Pollution Degree
2 acc. to IEC 60664-1
Admissible Torque on Fixing
Nut
max 1.2 Nm
Panel Thickness
max 3 mm
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: FEP
Approval Logo
Certificates
Certification Body
Description
VDE Approvals
VDE
VDE Certificate Number: 40043890
UL Approvals
UL
UL File Number: E39328


Similar Part No. - FEP

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FEP SCHURTER-FEP Datasheet
225Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FEP SCHURTER-FEP Datasheet
275Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
logo
Level One
FEP-0511 LVL1-FEP-0511 Datasheet
303Kb / 3P
5-Port Fast Ethernet PoE Switch, 65W, 802.3at PoEplus, 4 PoE Outputs
FEP-0800 LVL1-FEP-0800 Datasheet
452Kb / 4P
IEEE 802.3x Flow Control protects against lost packets for reliable data transmission PoE on/off control per port by dip switches
FEP-0811 LVL1-FEP-0811 Datasheet
338Kb / 4P
IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
More results

Similar Description - FEP

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
231411 SCHURTER-231411 Datasheet
198Kb / 1P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, Solder
231529P SCHURTER-231529P Datasheet
230Kb / 1P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, NF
FAS SCHURTER-FAS Datasheet
367Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
0031.1801 SCHURTER-0031.1801 Datasheet
221Kb / 2P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
FEP SCHURTER-FEP Datasheet
225Kb / 2P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FAS SCHURTER-FAS_18 Datasheet
249Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
FEP SCHURTER-FEP_18 Datasheet
275Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip
FEU-GRIP SCHURTER-FEU-GRIP Datasheet
269Kb / 3P
Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
FAS SCHURTER-FAS_V02 Datasheet
261Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
04.01.2022
FAP SCHURTER-FAP_V01 Datasheet
258Kb / 3P
Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, vertical, PC1
04.01.2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com