Electronic Components Datasheet Search
  English  ▼

X  

FSO Datasheet(PDF) 1 Page - Schurter Inc.

Part # FSO
Description  Touch-Safe Fuseholder, 35 mm DIN-Rail, 10.3 x 38 mm, 1000 VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FSO Datasheet(HTML) 1 Page - Schurter Inc.

  FSO Datasheet HTML 1Page - Schurter Inc. FSO Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Fuseholder
FSO
https://www.schurter.com /PG02
Circuit Protection
Touch-Safe Fuseholder, 35 mm DIN-Rail, 10.3 x 38 mm, 1000 VDC
See below:
Approvals and Compliances
1000 VDC · 4W · 600VAC/DC · 30A (UL/CSA)
Description
- Mountable on 35 mm DIN-Rail
- Easy installation and removal of fuses
- For Fuses up to 100 kA Interrupting Rating
Applications
- Combiner Boxes in Photovoltaic Systems
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product, Microsite, Landing Page
Technical Data
Fuse-Link
10.3 x 38 mm
Mounting
DIN-Rail Mounting
Terminal
Press plate 2 - 10 mm² / AWG #8 - 14
(stranded), 2 - 6 mm², AWG #10 - 14
(solid), 2 Nm / 17.7 lb-in (max. torque)
Rated Voltage
1000 VDC (Self certified), 600 VAC/
DC (UL/CSA)
Rated current
30 A (UL/CSA)
Rated Power Acceptance IEC 4 W
max. 4 W (self certified)
Degree of Protection
IP20
Admissible Ambient Air Temp. -40 °C to 130 °C
Material: Socket
Thermoplastic, UL 94V-0
Unit Weight
54 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
Type, Tech. Information
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: FSO
Approval Logo
Certificates
Certification Body
Description
UL Approvals
UL
UL File Number: E39328
CSA Approvals
CSA
CSA Certification Record: 248899


Similar Part No. - FSO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSO SCHURTER-FSO Datasheet
265Kb / 2P
Touch-Safe Fuseholder, 35 mm DIN-Rail, 10.3 x 38 mm, 1000 VDC
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
Ultra Low Jitter.
logo
SOVICO corp.
FSO-20T SOVICO-FSO-20T Datasheet
203Kb / 1P
FASHION SPEAKER
logo
Fox Electronics
FSO-25LF FOX-FSO-25LF Datasheet
157Kb / 1P
5.0V/3.0V Plastic HCMOS/TTL Oscillator
logo
Kyocera Kinseki Corpota...
FSO-2D KSS-FSO-2D Datasheet
51Kb / 1P
C-MOS Output 3.3V.
More results

Similar Description - FSO

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
23351B SCHURTER-23351B Datasheet
229Kb / 1P
Fuseholder Open Design, 10.3 x 38 mm, Screw Clamp
23530P SCHURTER-23530P Datasheet
258Kb / 1P
Shock-Safe Fuseholder, 10.3 x 38 mm, Fingergrip
ASO10.3X38 SCHURTER-ASO10.3X38 Datasheet
276Kb / 2P
Midget Fuse, 10.3 x 38 mm, Quick-acting, 1000 VDC, Photovoltaic
FSO SCHURTER-FSO Datasheet
265Kb / 2P
Touch-Safe Fuseholder, 35 mm DIN-Rail, 10.3 x 38 mm, 1000 VDC
ASO SCHURTER-ASO Datasheet
328Kb / 3P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
ASO10.3X38 SCHURTER-ASO10.3X38_18 Datasheet
347Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
23530P SCHURTER-23530P_18 Datasheet
221Kb / 2P
Shock-Safe Fuseholder, 10.3 x 38 mm, Fingergrip
ASO10.3X38 SCHURTER-ASO10.3X38_V01 Datasheet
369Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
01.10.2021
23530P SCHURTER-23530P_V01 Datasheet
232Kb / 2P
Shock-Safe Fuseholder, 10.3 x 38 mm, Fingergrip
13.10.2021
ASO10.3X38 SCHURTER-ASO10.3X38_V02 Datasheet
367Kb / 4P
Midget Fuse, 10.3 x 38 mm, 1000 VDC, Photovoltaic, gPV
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com