Electronic Components Datasheet Search
  English  ▼

X  

ZBY2164 Datasheet(PDF) 1 Page - Schneider Electric

Part # ZBY2164
Description  legend holder 30 x 40 mm with legend 8 x 27 mm with marking AUTO-MAIN
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBY2164 Datasheet(HTML) 1 Page - Schneider Electric

  ZBY2164 Datasheet HTML 1Page - Schneider Electric ZBY2164 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
legend holder 30 x 40 mm with
legend 8 x 27 mm with marking
AUTO-MAIN
ZBY2164
Product availability : Non-Stock - Not normally stocked in
distribution facility
Price* : 4.08 USD
Main
Product or Component Type
Legend holder
Accessory / separate part
category
Marking accessory
Complementary
Material
Plastic
Device composition
Legend holder
Marked legend
Accessory / separate part
destination
Ø 22 mm control or signalling unit
For standard head
Range Compatibility
Harmony XB5
Harmony XB4
Legend holder size
30 x 40 mm
Marking
White AUTO-MAIN 1 black side, 1 red side
User Language
French
Net Weight
0.00 lb(US) (0.002 kg)
Ordering and shipping details
Category
22469 - PUSHBUTTON,22MM ACCESSORIES-NEW
Discount Schedule
CS2
GTIN
3389110093780
Nbr. of units in pkg.
1
Package weight(Lbs)
0.03 oz (0.9 g)
Returnability
Yes
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
0.04 in (0.1 cm)
Package 1 width
1.18 in (3 cm)
Package 1 Length
1.57 in (4 cm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Nov 18, 2021
1


Similar Part No. - ZBY2164

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBY2166 SCHNEIDER-ZBY2166 Datasheet
89Kb / 2P
Harmony XB4, Legend holder 30 x 40 mm, plastic, with legend 8 x 27 mm, marked ARRET - MARCHE
Nov 18, 2021
More results

Similar Description - ZBY2164

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZBY2113 SCHNEIDER-ZBY2113 Datasheet
89Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm with marking OUVERTURE
Nov 15, 2021
ZBY2305 SCHNEIDER-ZBY2305 Datasheet
89Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm with marking FORWARD
Nov 18, 2021
ZBY2307 SCHNEIDER-ZBY2307 Datasheet
87Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm with marking UP
Nov 18, 2021
ZBY2313 SCHNEIDER-ZBY2313 Datasheet
88Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm with marking OPEN
2 Nov 18, 2021
ZBY2314 SCHNEIDER-ZBY2314 Datasheet
88Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm with marking CLOSE
Nov 18, 2021 1
ZBY2334 SCHNEIDER-ZBY2334 Datasheet
87Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm with marking RUN
Nov 18, 2021
ZBY2364 SCHNEIDER-ZBY2364 Datasheet
89Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm with marking AUTO-HAND
Nov 18, 2021
ZBY2464 SCHNEIDER-ZBY2464 Datasheet
97Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm with marking AUTO-MANUAL
Nov 22, 2021
ZBY2664 SCHNEIDER-ZBY2664 Datasheet
97Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm with marking AUTO-MAN
Nov 22, 2021
ZBY2685 SCHNEIDER-ZBY2685 Datasheet
98Kb / 2P
legend holder 30 x 40 mm with legend 8 x 27 mm with marking AUTO-O-MAN
Nov 22, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com