Electronic Components Datasheet Search
  English  ▼

X  

BIS0038 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS0038
Description  LF (125 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS0038 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS0038 Datasheet HTML 1Page - Balluff Korea Ltd. BIS0038 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LF (125 kHz)
BIS L-101-05/L-RO
Order Code: BIS0038
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-02
Subject to change without notice: 145188
ETIM 6.0: EC002996
BIS0038_5.2_2021-06-18
2 / 2
Torsional, bending and impact loading is not permitted.
Values are under rated conditions unless otherwise specified.
Time specification includes data check.
Data carriers programmed to customer specification. For use only together with read system L-4xx. Marking of the customer and programming data is only
on the packaging, not on the data carrier. After delivery the customer is responsible for documenting the programming data himself.
For installation requirements see corresponding read/write head.
Only when used together with the appropriate read/write head.
Recommended screw: M3, 8.8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com