Electronic Components Datasheet Search
  English  ▼

X  

BIS015R Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS015R
Description  HF (13.56 MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS015R Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS015R Datasheet HTML 1Page - Balluff Korea Ltd. BIS015R Datasheet HTML 2Page - Balluff Korea Ltd. BIS015R Datasheet HTML 3Page - Balluff Korea Ltd. BIS015R Datasheet HTML 4Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HF (13.56 MHz)
BIS M-404-045-401-07-S4
Order Code: BIS015R
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 254505
ETIM 6.0: EC002998
BIS015R_3.24_2021-08-12
2 / 4
Mechanical data
Application weight
60.00 g
Dimension
Ø 18 x 65 mm
Installation
metal-free (clear zone)
on metal
flush in metal
Size
M18x1
Remarks
Only for data carriers acc. to ISO 15693.
For basic equipment: Accessories see www.balluff.com
Values are under rated conditions unless otherwise specified.
When installing, the technical standards and regulations of the corresponding countries must be observed.
Use included nuts for installation.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
1) View towards connector
2) BSI service interface
3) Do not connect power
4) (Only for Balluff Service)
Help Views



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com