Electronic Components Datasheet Search
  English  ▼

X  

MSM7547 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM7547
Description  Voice Signal Level Control LSI
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7547 Datasheet(HTML) 2 Page - OKI electronic componets

  MSM7547 Datasheet HTML 1Page - OKI electronic componets MSM7547 Datasheet HTML 2Page - OKI electronic componets MSM7547 Datasheet HTML 3Page - OKI electronic componets MSM7547 Datasheet HTML 4Page - OKI electronic componets MSM7547 Datasheet HTML 5Page - OKI electronic componets MSM7547 Datasheet HTML 6Page - OKI electronic componets MSM7547 Datasheet HTML 7Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MSM7547
¡ Semiconductor
2/7
BLOCK DIAGRAM
PIN CONFIGURATION (TOP VIEW)
RAUD
ATT0
ATT1
ATT2
ATTE
200 kW
AO3
AN3
MIC
200 kW
ATT0
ATT
ATT1
ATT2
ATTE
io
10 kW
56 kW
150 kW
A
RCV1
AN2
RCV2
TAUD
VDD
GND
B
C O
–
+
–
+
–
+
–
+
–
+
SG
SG
SG
SG
SG
TAUD 1
AN2 2
NC 3
RCV2 4
RCV1 5
NC 6
RAUD 7
GND 8
15 AO3
16 VDD
14 MIC
13 AN3
12 ATTE
11 ATT2
10 ATT1
9
ATT0
16-Pin Plastic SOP
NC : No connect pin



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com