Electronic Components Datasheet Search
  English  ▼

X  

BIS018C Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS018C
Description  HF (13.56 MHz)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS018C Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS018C Datasheet HTML 1Page - Balluff Korea Ltd. BIS018C Datasheet HTML 2Page - Balluff Korea Ltd. BIS018C Datasheet HTML 3Page - Balluff Korea Ltd. BIS018C Datasheet HTML 4Page - Balluff Korea Ltd. BIS018C Datasheet HTML 5Page - Balluff Korea Ltd. BIS018C Datasheet HTML 6Page - Balluff Korea Ltd. BIS018C Datasheet HTML 7Page - Balluff Korea Ltd. BIS018C Datasheet HTML 8Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HF (13.56 MHz)
BIS M-4006-034-002-ST4
Order Code: BIS018C
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 255249
ETIM 6.0: EC002998
BIS018C_1.22_2021-07-09
1 / 8
1) Sensing surface, 2) Data carrier, 3) Clear zone, 4) LED (Power), 5) LED (CP), 6) Tightening torque, 7) Read/write axis
Basic features
Antenna type
Rod
Approval/Conformity
CE
WEEE
EAC
Principle of operation
Read/write device
Display/Operation
Function indicator
CP (Code tag present), LED
yellow
Link Port 1, LED green
Link Port 2, LED green
Activity Port 1, LED yellow
Activity Port 2, LED yellow
Power, LED green
Network Status, LED green/red
Module Status, LED green/red
Electrical connection
Connection (COM 1)
Port 1: M12x1-Female, 4-pin, D-
coded
Connection (COM 2)
Port 2: M12x1-Female, 4-pin, D-
coded
Connection (supply voltage IN)
M12x1-Male, 4-pin
Electrical data
Current consumption max. at 24 V DC 150 mA
Nominal voltage
24 VDC
Operating voltage Ub
24 V DC LPS Class 2
Residual ripple max.
10 %


Similar Part No. - BIS018C

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS018A BALLUFF-BIS018A Datasheet
1Mb / 6P
HF (13.56 MHz)
1.22_2021-07-09
BIS018E BALLUFF-BIS018E Datasheet
116Kb / 2P
HF (13.56 MHz)
0.38_2021-08-25
BIS018F BALLUFF-BIS018F Datasheet
103Kb / 1P
UHF (860...960 MHz)
1.1_2021-03-30
BIS018H BALLUFF-BIS018H Datasheet
104Kb / 1P
UHF (860...960 MHz)
1.1_2021-03-30
BIS018J BALLUFF-BIS018J Datasheet
268Kb / 3P
Multi-Frequency Processor
1.28_2021-09-16
More results

Similar Description - BIS018C

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS0133 BALLUFF-BIS0133 Datasheet
923Kb / 5P
HF (13.56 MHz)
BIS0157 BALLUFF-BIS0157 Datasheet
550Kb / 3P
HF (13.56 MHz)
BAE00JL BALLUFF-BAE00JL Datasheet
111Kb / 2P
HF (13.56 MHz)
BIS0132 BALLUFF-BIS0132 Datasheet
1Mb / 6P
HF (13.56 MHz)
BIS0179 BALLUFF-BIS0179 Datasheet
1Mb / 6P
HF (13.56 MHz)
BIS0104 BALLUFF-BIS0104 Datasheet
539Kb / 5P
HF (13.56 MHz)
BIS0105 BALLUFF-BIS0105 Datasheet
719Kb / 5P
HF (13.56 MHz)
BIS0175 BALLUFF-BIS0175 Datasheet
128Kb / 3P
HF (13.56 MHz)
BIS015T BALLUFF-BIS015T Datasheet
667Kb / 4P
HF (13.56 MHz)
2.2_2021-07-14
BIS018A BALLUFF-BIS018A Datasheet
1Mb / 6P
HF (13.56 MHz)
1.22_2021-07-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com