Electronic Components Datasheet Search
  English  ▼

X  

MSM7584D Datasheet(PDF) 39 Page - OKI electronic componets

Part # MSM7584D
Description  pi/4 Shift QPSK MODEM/ADPCM CODEC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7584D Datasheet(HTML) 39 Page - OKI electronic componets

Back Button MSM7584D Datasheet HTML 35Page - OKI electronic componets MSM7584D Datasheet HTML 36Page - OKI electronic componets MSM7584D Datasheet HTML 37Page - OKI electronic componets MSM7584D Datasheet HTML 38Page - OKI electronic componets MSM7584D Datasheet HTML 39Page - OKI electronic componets MSM7584D Datasheet HTML 40Page - OKI electronic componets MSM7584D Datasheet HTML 41Page - OKI electronic componets MSM7584D Datasheet HTML 42Page - OKI electronic componets MSM7584D Datasheet HTML 43Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
¡ Semiconductor
MSM7584D
39/58
FEDL7584D-02
(5) CR4 (Tone Generator Operation Mode and Frequency Settings)
B7
B6
B5
B4
B3
B2
B1
B0
DTMF/
OTHERS SEL
TONE
TONE5
TONE4
TONE3
00
0
0000
0
CR4
Initial Value
SEND
TONE2
TONE1
TONE0
B7: ........................... Selection of DTMF signal and other tones
(S tone, F tone, R tone, etc.) 0: Other tones 1: DTMF signal
B6: ........................... Transmission side tone transmit
0: Voice signal transmit 1: Tone transmit
B5, B4, B3, B2, B1, B0: Tone frequency setting (refer to Table 7)
Table 7 Tone Generator Frequency Settings
(a) When B7 = 1 (DTMF Tones)
B5
B4
B3
B2
B1
B0
Description
B5
B4
B3
B2
B1
B0
Description
*
*
0
0
0
0
697 Hz + 1209 Hz
**0000
852 Hz + 1209 Hz
*
*
0
0
0
1
697 Hz + 1336 Hz
**0001
852 Hz + 1336 Hz
*
*
0
0
1
0
697 Hz + 1477 Hz
**0010
852 Hz + 1477 Hz
*
*
0
0
1
1
697 Hz + 1633 Hz
**0011
852 Hz + 1633 Hz
*
*
0
1
0
0
770 Hz + 1209 Hz
**0100
941 Hz + 1209 Hz
*
*
0
1
0
1
770 Hz + 1336 Hz
**0101
941 Hz + 1336 Hz
*
*
0
1
1
0
770 Hz + 1477 Hz
**0110
941 Hz + 1477 Hz
*
*
0
1
1
1
770 Hz + 1633 Hz
**0111
941 Hz + 1633 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com