Electronic Components Datasheet Search
  English  ▼

X  

BIS018Z Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BIS018Z
Description  UHF (860...960 MHz)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS018Z Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BIS018Z Datasheet HTML 1Page - Balluff Korea Ltd. BIS018Z Datasheet HTML 2Page - Balluff Korea Ltd. BIS018Z Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UHF (860...960 MHz)
BIS VU-320-C2-S4
Order Code: BIS018Z
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 284047
ETIM 6.0: EC002996
BIS018Z_0.18_2021-06-02
1 / 3
1) Sensing surface, 2) LED (Tag present), 3) LED (Power), 4) LED (Status), 5) LED (RF active), 6) Tightening torque, 7)
Button (Config)
Basic features
Antenna type
Patch
Approval/Conformity
CMIIT-Radio Transmiss. Equipm.
cULus
WEEE
Principle of operation
Read/write head
Radio license
China
Standards
EPCglobal™ Class 1, Gen 2
ISO 18000-6C
Display/Operation
Function indicator
Status, LED red
RF active, LED blue
Power, LED green
Tag Present, LED yellow
Electrical connection
Connection
M12x1-Male, 4-pin, A-coded
Electrical data
Current consumption max. at 24 V DC 200 mA
Front-to-back ratio
typ.10 dB
Multi-Tag capable
yes
Nominal voltage
24 VDC
Operating voltage Ub
24 V DC LPS Class 2
Output power adjustable
5 dBm…24 dBm (3.2 mW…250
mW)
Permissible radiated power
≤ 320 mW ERP
Polarization
circular
Residual ripple max.
10 %
Working frequency
920.5…924.5 MHz
Environmental conditions
Ambient temperature
-20...55 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Storage temperature
-25...70 °C
Functional safety
MTTF (40 °C)
110 a


Similar Part No. - BIS018Z

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS018A BALLUFF-BIS018A Datasheet
1Mb / 6P
HF (13.56 MHz)
1.22_2021-07-09
BIS018C BALLUFF-BIS018C Datasheet
1Mb / 8P
HF (13.56 MHz)
1.22_2021-07-09
BIS018E BALLUFF-BIS018E Datasheet
116Kb / 2P
HF (13.56 MHz)
0.38_2021-08-25
BIS018F BALLUFF-BIS018F Datasheet
103Kb / 1P
UHF (860...960 MHz)
1.1_2021-03-30
BIS018H BALLUFF-BIS018H Datasheet
104Kb / 1P
UHF (860...960 MHz)
1.1_2021-03-30
More results

Similar Description - BIS018Z

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BIS012R BALLUFF-BIS012R Datasheet
146Kb / 2P
UHF (860...960 MHz)
BIS013J BALLUFF-BIS013J Datasheet
154Kb / 3P
UHF (860...960 MHz)
BIS0167 BALLUFF-BIS0167 Datasheet
105Kb / 1P
UHF (860...960 MHz)
BIS0178 BALLUFF-BIS0178 Datasheet
106Kb / 2P
UHF (860...960 MHz)
BIS00RC BALLUFF-BIS00RC Datasheet
110Kb / 2P
UHF (860...960 MHz)
BIS00TY BALLUFF-BIS00TY Datasheet
150Kb / 2P
UHF (860...960 MHz)
BIS00WH BALLUFF-BIS00WH Datasheet
107Kb / 2P
UHF (860...960 MHz)
BIS016Y BALLUFF-BIS016Y Datasheet
118Kb / 1P
UHF (860...960 MHz)
0.27_2021-03-18
BIS018N BALLUFF-BIS018N Datasheet
151Kb / 3P
UHF (860...960 MHz)
0.23_2021-09-10
BIS015Y BALLUFF-BIS015Y Datasheet
152Kb / 3P
UHF (860...960 MHz)
0.3_2021-12-02
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com