Electronic Components Datasheet Search
  English  ▼

X  

FDMS86255 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDMS86255
Description  MOSFET ??N-Channel, Shielded Gate, POWERTRENCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS86255 Datasheet(HTML) 4 Page - ON Semiconductor

  FDMS86255 Datasheet HTML 1Page - ON Semiconductor FDMS86255 Datasheet HTML 2Page - ON Semiconductor FDMS86255 Datasheet HTML 3Page - ON Semiconductor FDMS86255 Datasheet HTML 4Page - ON Semiconductor FDMS86255 Datasheet HTML 5Page - ON Semiconductor FDMS86255 Datasheet HTML 6Page - ON Semiconductor FDMS86255 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDMS86255
www.onsemi.com
4
TYPICAL CHARACTERISTICS TJ = 25°C unless otherwise noted
Figure 1. On−Region Characteristics
Figure 2. Normalized On−Resistance vs
Drain Current and Gate Voltage
Figure 3. Normalized On−Resistance vs
Junction Temperature
Figure 4. On−Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
Figure 6. Source to Drain Diode Forward
Voltage vs Source Current
VDS, DRAIN TO SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
PULSE DURATION = 80 ms
DUTY CYCLE = 0.5% MAX
VGS = 10 V
VGS = 6 V
VGS = 5.5 V
VGS = 5 V
VGS = 4.5 V
100
80
60
40
20
0
0
1
23
45
0
4
0
3
2
1
20
40
60
80
100
0
PULSE DURATION = 80 ms
DUTY CYCLE = 0.5% MAX
VGS = 4.5 V
VGS = 5 V
VGS = 5.5 V
VGS = 6 V
VGS = 10 V
VGS, GATE TO SOURCE VOLTAGE (V)
46
8
10
40
30
20
10
0
50
TJ, JUNCTION TEMPERATURE (°C)
−30
0
30
60
90
−60
2.5
2.0
2.0
1.5
1.0
0.5
ID = 10 A
VGS = 10 V
PULSE DURATION = 80 ms
DUTY CYCLE = 0.5% MAX
ID = 10 A
TJ = 125°C
TJ = 25°C
100
80
60
40
20
0
34
5
6
7
2
VGS, GATE TO SOURCE VOLTAGE (V)
120
150
VSD, BODY DIODE FORWARD VOLTAGE (V)
100
10
1
0.1
0.01
0.001
0.2
0.4
0.6
0.8
1.0
0.0
1.2
PULSE DURATION = 80 ms
DUTY CYCLE = 0.5% MAX
VDS = 5 V
TJ = 150°C
TJ = 25°C
TJ = −55°C
TJ = 25°C
TJ = −55°C
VGS = 0 V
TJ = 150°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com