Electronic Components Datasheet Search
  English  ▼

X  

MSM7653 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM7653
Description  NTSC/PAL Digital Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7653 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM7653 Datasheet HTML 4Page - OKI electronic componets MSM7653 Datasheet HTML 5Page - OKI electronic componets MSM7653 Datasheet HTML 6Page - OKI electronic componets MSM7653 Datasheet HTML 7Page - OKI electronic componets MSM7653 Datasheet HTML 8Page - OKI electronic componets MSM7653 Datasheet HTML 9Page - OKI electronic componets MSM7653 Datasheet HTML 10Page - OKI electronic componets MSM7653 Datasheet HTML 11Page - OKI electronic componets MSM7653 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
¡ Semiconductor
MSM7653
8/35
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
VOH
Condition
IOH = –4 mA (*1)
IOL = 4 mA (*1)
Typ.
—
Unit
"L" Level Output Voltage
VOL
IOL = 6 mA (*2)
—V
Min.
0.7VDD
—
Max.
—
0.4
"H" Level Output Voltage
V
Input Leakage Current
II
VI = GND to DVDD
—
mA
–10
+10
Output Leakage Current
IO
VI = GND to DVDD (*3)
—
mA
–10
+10
Power Supply Current (operating)
IDDO
—
120
mA
—
140
Power Supply Current (standby)
IDDS
RESET_L = "L"
60
mA
—65
I2C-bus SDA Output Voltage
SDAVL
Low level, IOL = 3 mA
—V
0
0.4
I2C-bus SDA Output Current
SDAIO
During Acknowledge
—mA
3—
(Ta = 0 to 70°C, DVDD = 3.3 V ±0.3 V, AVDD = 3.3 V ±0.3 V)
Internal Reference Voltage
Vrefin
—
1.25
V
——
DA Output Load Resistance
RL
—75
W
Integral Linearity
SINL
—
±2
LSB
Differential Linearity
SDNL
—
±1
LSB
CLKX2 = 0 MHz
Power Supply Current (Sleep mode)
IDDSM
SEL2 = "H"
0.05
mA
0.03
0.5
(*1)
VSYNC_L, HSYNC_L, CD[7:0]
(*2)
CLKX1O
(*3)
SDA
AC Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
(Ta = 0 to 70°C, DVDD = 3.3 V ±0.3 V, AVDD = 3.3 V ±0.3 V)
CLKX2 Cycle Time
TS
37.0
ns
Input Data Setup Time
Input Data Hold Time
Output Delay Time
CLKX1O Delay Time
ts1
th1
td1
td2
7ns
5ns
525
ns
525
ns
I
2C-bus Clock Cycle Time
tC_SCL
ns
Rpull_up = 4.7 kW
I
2C-bus High Level Cycle
tH_SCL
—ns
I
2C-bus Low Level Cycle
tL_SCL
ns
Rpull_up = 4.7 kW
—
—
——
—
—
—
—
100
—
—
—
—
—
200
100
—
Rpull_up = 4.7 kW
——
——



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com