Electronic Components Datasheet Search
  English  ▼

X  

FDN360P Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDN360P
Description  Single P-Channel, PowerTrench MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDN360P Datasheet(HTML) 3 Page - ON Semiconductor

  FDN360P Datasheet HTML 1Page - ON Semiconductor FDN360P Datasheet HTML 2Page - ON Semiconductor FDN360P Datasheet HTML 3Page - ON Semiconductor FDN360P Datasheet HTML 4Page - ON Semiconductor FDN360P Datasheet HTML 5Page - ON Semiconductor FDN360P Datasheet HTML 6Page - ON Semiconductor FDN360P Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Typical Characteristics
0
3
6
9
12
15
0
1
2
3
4
5
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -10V
-3.5V
-3.0V
-4.5V
-4.0V
-5.0V
-6.0V
V
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
3
6
9
12
15
-ID, DRAIN CURRENT (A)
V
GS = -3.5V
-6.0V
-5.0V
-4.0V
-10V
-4.5V
-7.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
I
D = -2A
V
GS = -10V
0.05
0.1
0.15
0.2
0.25
0.3
2
4
6
8
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -1A
TA = 125
oC
T
A = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
2
4
6
8
10
1
2
3
4
5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = -5.0V
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
V
GS = 0V
TA = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.
www.onsemi.com
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com