Electronic Components Datasheet Search
  English  ▼

X  

ML63189B Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML63189B
Description  4-Bit Microcontroller with Built-in1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63189B Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML63189B Datasheet HTML 9Page - OKI electronic componets ML63189B Datasheet HTML 10Page - OKI electronic componets ML63189B Datasheet HTML 11Page - OKI electronic componets ML63189B Datasheet HTML 12Page - OKI electronic componets ML63189B Datasheet HTML 13Page - OKI electronic componets ML63189B Datasheet HTML 14Page - OKI electronic componets ML63189B Datasheet HTML 15Page - OKI electronic componets ML63189B Datasheet HTML 16Page - OKI electronic componets ML63189B Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
FEDL63187B-06
1Semiconductor
ML63187B/63189B
13/36
PIN DESCRIPTIONS
The basic functions of each pin of the ML63187B, ML63189B are described in Table 1.
A symbol with a slash (/) denotes a pin that has a secondary function.
Refer to Table 2 for secondary functions.
For type, “—” denotes a power supply pin, “I” an input pin, “O” an output pin, and “I/O” an input-output pin.
Table 1 Pin Descriptions (Basic Functions)
Pin No.
Pad No.
Function
Symbol
ML63187B ML63189B ML63187B ML63189B
Type
Description
V
DD
54
56
72
82
—
Positive power supply
V
SS
43
45
61
71
—
Negative power supply
V
DD1
44
46
62
72
V
DD2
45
47
63
73
V
DD3
46
48
64
74
V
DD4
47
49
65
75
V
DD5
48
50
66
76
—
Power supply pins for LCD bias (internally
generated)
Capacitors (0.1
µF) should be connected
between these pins and V
SS.
C1
49
51
67
77
—
C2
50
52
68
78
—
Capacitor connection pins for LCD bias
generation
A capacitor (0.1
µF) should be connected
between C1 and C2.
V
DDI
70
69
83
93
—
Positive power supply pin for external interface
(power supply for input, and input-output ports)
V
DDL
55
57
73
83
—
Positive power supply pin for internal logic
(internally generated)
A capacitor (0.1
µF) should be connected
between this pin and V
SS.
V
DDH
51
53
69
79
—
Voltage multiplier pin for power supply backup
(internally generated)
A capacitor (1.0
µF) should be connected
between this pin and V
SS.
CB1
52
54
70
80
—
Power
Supply
CB2
53
55
71
81
—
Pins to connect a capacitor for voltage
multiplier
A capacitor (1.0
µF) should be connected
between CB1 and CB2.
XT0
60
62
78
88
I
XT1
59
61
77
87
O
Low-speed clock oscillation pins
An option for using crystal oscillation or RC
oscillation is chosen by the mask option.
If the crystal oscillation is chosen, a crystal
should be connected between XT0 and XT1,
and capacitor (C
G) should be connected
between XT0 and V
SS.
If the RC oscillation is chosen, external
oscillation resistor (R
OSL) should be connected
between XT0 and XT1.
OSC0
57
59
75
85
I
Osci-
llation
OSC1
56
58
74
84
O
High-speed clock oscillation pins
A ceramic resonator and capacitors (C
L0, CL1 )
or external oscillation resistor (R
OSH) should be
connected to these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com