Electronic Components Datasheet Search
  English  ▼

X  

1809660 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1809660
Description  Ball valve actuator unit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1809660 Datasheet(HTML) 1 Page - Festo Corporation.

  1809660 Datasheet HTML 1Page - Festo Corporation. 1809660 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ball valve actuator unit
VZBA-3"-GG-63-T-22-F0710-V4V4T-PP180-R-90-C
Part number: 1809660
Data sheet
Feature
Value
Type code
VZBA
Structural design
2-way ball valve
Quarter turn actuator
Actuation type
Pneumatic
Mounting position
Any
Type of mounting
Line installation
Fitting connection
Rp3
Switching position indication
Slot direction = flow direction
Nominal width DN
80
Operating pressure
6 bar ... 8.4 bar
Nominal pressure of fitting PN
63
Symbol
00991921
Medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Inert gas
Water – no water vapor
Neutral liquids
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Temperature of medium
-10 °C ... 200 °C
Ambient temperature
-10 °C ... 80 °C
Flow rate Kv
905 m³/h
Max. surface temperature of assembly
TX
Explosion group of assembly
IIC, IIIC
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Housing material
High-alloy stainless steel
Material number of housing
1.4408
Seals material
PTFE
PTFE-reinforced
Ball material
High-alloy stainless steel
Material number for ball
1.4408
Shaft material
High-alloy stainless steel
Material number for shaft
1.4401
Product weight
18200 g
11/18/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 1809660

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1809661 FESTO-1809661 Datasheet
100Kb / 2P
Ball valve actuator unit
11/19/21
logo
PHOENIX CONTACT
1809666 PHOENIX-1809666 Datasheet
146Kb / 5P
MSTBA 2,5/18-G-5,08
More results

Similar Description - 1809660

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VZPR-BPD-22-R2 FESTO-VZPR-BPD-22-R2 Datasheet
91Kb / 1P
Ball valve actuator unit
VZPR-BPD-22-R38 FESTO-VZPR-BPD-22-R38 Datasheet
92Kb / 1P
Ball valve actuator unit
1774103 FESTO-1774103 Datasheet
111Kb / 2P
Ball valve actuator unit
1774109 FESTO-1774109 Datasheet
111Kb / 2P
Ball valve actuator unit
1914792 FESTO-1914792 Datasheet
101Kb / 2P
Ball valve actuator unit
11/19/21
1915076 FESTO-1915076 Datasheet
101Kb / 2P
Ball valve actuator unit
11/19/21
1809657 FESTO-1809657 Datasheet
104Kb / 2P
Ball valve actuator unit
11/18/21
1810732 FESTO-1810732 Datasheet
99Kb / 2P
Ball valve actuator unit
11/18/21
1810735 FESTO-1810735 Datasheet
99Kb / 2P
Ball valve actuator unit
11/18/21
1913367 FESTO-1913367 Datasheet
93Kb / 2P
Ball valve actuator unit
11/22/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com