Electronic Components Datasheet Search
  English  ▼

X  

BIS0068 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS0068
Description  LF (70/455 kHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS0068 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS0068 Datasheet HTML 1Page - Balluff Korea Ltd. BIS0068 Datasheet HTML 2Page - Balluff Korea Ltd. BIS0068 Datasheet HTML 3Page - Balluff Korea Ltd. BIS0068 Datasheet HTML 4Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LF (70/455 kHz)
BIS C-305-PU1-10
Order Code: BIS0068
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 156543
ETIM 6.0: EC002998
BIS0068_1.16_2021-05-08
2 / 4
Mechanical data
Application weight
230.00 g
Dimension
25 x 10 x 50 mm
Installation
metal-free (clear zone)
on metal
flush in metal
Remarks
Specified relative speed refers to reading/writing the first 4 bytes from the first page.
Only together with converter BIS C-901 or BIS C-6xx
Time specification includes data check.
Values are under rated conditions unless otherwise specified.
ATTENTION: 10m cable length reduces the read/write distance by 10 %
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Help Views



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com