Electronic Components Datasheet Search
  English  ▼

X  

FST5X20 Datasheet(PDF) 3 Page - Schurter Inc.

Part # FST5X20
Description  Miniature Fuse, 5 x 20 mm, Time-Lag T, L, 250 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FST5X20 Datasheet(HTML) 3 Page - Schurter Inc.

  FST5X20 Datasheet HTML 1Page - Schurter Inc. FST5X20 Datasheet HTML 2Page - Schurter Inc. FST5X20 Datasheet HTML 3Page - Schurter Inc. FST5X20 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Fuses
FST 5x20
https://www.schurter.com /PG01_2
Circuit Protection
Pre-Arcing Time
Rated Current In
1.5 x In min.
2.1 x In max. 2.75 x In min. 2.75 x In max. 4.0 x In min.
4.0 x In max. 10.0 x In min. 10.0 x In max.
0.05 A - 0.1 A
60 min
120 s
200 ms
10 s
40 ms
3 s
10 ms
300 ms
0.125 A - 6.3 A
60 min
120 s
600 ms
10 s
150 ms
3 s
20 ms
300 ms
8 A - 20 A
30 min
120 s
600 ms
10 s
150 ms
3 s
20 ms
300 ms
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
0.02–0.1 A
0.125–20 A
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
max. [mW]
Power Dissi-
pation 1.5 In
typ. [mW]
Melting I²t
10.0 In typ.
[A²s]
Order Number
0.05
250
1)
3500
950
1600
125
0.0363
l
l
l
0034.3104
█
0.063
250
1)
3000
1300
1600
200
0.0401
l
l
l
0034.3105
█
0.08
250
1)
3000
1100
1600
300
0.057
l
l
l
0034.3106
█
0.1
250
1)
2500
565
1600
155
0.107
l
l
l
0034.3107
█
0.125
250
1)
2000
400
1600
200
0.064
l
l
l
0034.3108
█
0.16
250
1)
1900
415
1600
185
0.23
l
l
l
0034.3109
█
0.2
250
1)
1500
270
1600
200
0.256
l
l
l
0034.3110
█
0.25
250
1)
1300
210
1600
200
0.238
l
l
l
0034.3111
█
0.315
250
1)
1100
170
1600
200
0.544
l
l
l
0034.3112
█
0.4
250
1)
1000
150
1600
200
0.768
l
l
l
0034.3113
█
0.5
250
1)
900
160
1600
200
3
l
l
l
0034.3114
█
0.63
250
1)
300
160
1600
300
4.35
l
l
l
0034.3115
█
0.8
250
1)
250
120
1600
300
3.85
l
l
l
0034.3116
█
1
250
1)
150
60
1600
200
3.3
l
l
l
l
0034.3117
█
1.25
250
1)
150
60
1600
300
5.5
l
l
l
l
0034.3118
█
1.6
250
1)
150
60
1600
300
10.5
l
l
l
l
0034.3119
█
2
250
1)
150
60
1600
300
16
l
l
l
l
0034.3120
█
2.5
250
1)
120
60
1600
400
21.9
l
l
l
l
0034.3121
█
3.15
250
1)
100
60
1600
500
47
l
l
l
l
0034.3122
█
4
250
2)
100
60
1600
800
68.3
l
l
l
l
0034.3123
█
5
250
2)
100
60
1600
900
102
l
l
l
l
0034.3124
█



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com