Electronic Components Datasheet Search
  English  ▼

X  

AMC1350 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1350
Description  AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC1350 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC1350 Datasheet HTML 7Page - Texas Instruments AMC1350 Datasheet HTML 8Page - Texas Instruments AMC1350 Datasheet HTML 9Page - Texas Instruments AMC1350 Datasheet HTML 10Page - Texas Instruments AMC1350 Datasheet HTML 11Page - Texas Instruments AMC1350 Datasheet HTML 12Page - Texas Instruments AMC1350 Datasheet HTML 13Page - Texas Instruments AMC1350 Datasheet HTML 14Page - Texas Instruments AMC1350 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
7 Detailed Description
7.1 Overview
The AMC1350 is a fully differential, precision, isolated amplifier with high input impedance. The input stage
of the device consists of a fully differential amplifier that drives a second-order, delta-sigma (ΔΣ) modulator.
The modulator converts the analog input signal into a digital bitstream that is transferred across the isolation
barrier that separates the high-side from the low-side. On the low-side, the received bitstream is processed by a
fourth-order analog filter that outputs a differential signal at the OUTP and OUTN pins proportional to the input
signal.
The SiO2-based, capacitive isolation barrier supports a high level of magnetic field immunity, as described in the
ISO72x Digital Isolator Magnetic-Field Immunity application report. The digital modulation used in the AMC1350
to transmit data across the isolation barrier, and the isolation barrier characteristics itself, result in high reliability
and common-mode transient immunity.
7.2 Functional Block Diagram
AMC1350
ΔΣ Modulator
GND1
INP
INN
VDD1
Diagnostics
VDD2
OUTP
OUTN
GND2
Analog Filter
7.3 Feature Description
7.3.1 Analog Input
The single-ended, high-impedance input stage of the AMC1350 feeds a second-order, switched-capacitor, feed-
forward ΔΣ modulator. The modulator converts the analog signal into a bitstream that is transferred across the
isolation barrier, as described in the Isolation Channel Signal Transmission section.
There are two restrictions on the analog input signals INP and INN. First, if the input voltages VINP or VINN
exceed the range specified in the Absolute Maximum Ratings table, the input currents must be limited to the
absolute maximum value because the electrostatic discharge (ESD) protection turns on. In addition, the linearity
and parametric performance of the device are ensured only when the analog input voltage remains within
the linear full-scale range (VFSR) and within the common-mode input voltage range (VCM) as specified in the
Recommended Operating Conditions table.
www.ti.com
AMC1350
SBASAA6 – AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AMC1350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com