Electronic Components Datasheet Search
  English  ▼

X  

DLPC1438 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC1438
Description  DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC1438 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC1438 Datasheet HTML 9Page - Texas Instruments DLPC1438 Datasheet HTML 10Page - Texas Instruments DLPC1438 Datasheet HTML 11Page - Texas Instruments DLPC1438 Datasheet HTML 12Page - Texas Instruments DLPC1438 Datasheet HTML 13Page - Texas Instruments DLPC1438 Datasheet HTML 14Page - Texas Instruments DLPC1438 Datasheet HTML 15Page - Texas Instruments DLPC1438 Datasheet HTML 16Page - Texas Instruments DLPC1438 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
50%
50%
tw(L)
tw(H)
tC
tWINDOW|
tSU|
tH|
DCLK_P
DCLK_N
D_P(0:7)
D_N(0:7)
Figure 6-7. SubLVDS Switching Parameters
50%
50%
tC
tWINDOW
(1)
|
¼ tC|
¼ tC|
DCLK_P
DCLK_N
D_P(0:7)
D_N(0:7)
(1) High-speed training scan window
(2) Refer to Section 7.3.3 for details
Figure 6-8. High-Speed Training Scan Window
DCLP_P, D_P(0:7)
DCLP_N, D_N(0:7)
SubLVDS
Receiver
+
±
VID
VIP
VIN
(VIP + VIN)
2
VCM =
VCM
Figure 6-9. SubLVDS Voltage Parameters
VID
VLVDS(max)
VLVDS(min)
VCM
1.255 V
0.575 V
Figure 6-10. SubLVDS Waveform Parameters
VSubLVDS(max) = VCM(max) + ½ × |VID(max)|
VSubLVDS(min) = VCM(min) – ½ × |VID(max)|
www.ti.com
DLP300S
DLPS214A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DLP300S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com