Electronic Components Datasheet Search
  English  ▼

X  

DLPA2005 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2005
Description  DLP300S 0.3-Inch 3.6-Megapixel DMD for Low Cost TI DLP짰 3D Printers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2005 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DLPA2005 Datasheet HTML 28Page - Texas Instruments DLPA2005 Datasheet HTML 29Page - Texas Instruments DLPA2005 Datasheet HTML 30Page - Texas Instruments DLPA2005 Datasheet HTML 31Page - Texas Instruments DLPA2005 Datasheet HTML 32Page - Texas Instruments DLPA2005 Datasheet HTML 33Page - Texas Instruments DLPA2005 Datasheet HTML 34Page - Texas Instruments DLPA2005 Datasheet HTML 35Page - Texas Instruments DLPA2005 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
10 Layout
10.1 Layout Guidelines
There are no specific layout guidelines for the DMD as typically DMD is connected using a board to board
connector to a flex cable. Flex cable provides the interface of data and control signals between the DLPC1438
controller and the DLP300S DMD. For detailed layout guidelines refer to the layout design files. Some layout
guideline for the flex cable interface with DMD are:
• Match lengths for the LS_WDATA and LS_CLK signals.
• Minimize vias, layer changes, and turns for the HS bus signals. Refer Figure 10-1.
• Minimum of two 100-nF decoupling capacitor close to VBIAS. Capacitor C6 and C7 in Figure 10-1.
• Minimum of two 100-nF decoupling capacitor close to VRST. Capacitor C9 and C8 in Figure 10-1.
• Minimum of two 220-nF decoupling capacitor close to VOFS. Capacitor C5 and C4 in Figure 10-1.
• Minimum of four 100-nF decoupling capacitor close to VDDI and VDD. Capacitor C1, C2, C3 and C10 in
Figure 10-1.
10.2 Layout Example
Figure 10-1. Power Supply Connections
DLP300S
DLPS214A – JULY 2021 – REVISED AUGUST 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLP300S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com