Electronic Components Datasheet Search
  English  ▼

X  

MSM64169 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM64169
Description  Built-in Dual-slope type A/D Converter and LCD Driver 4-Bit Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64169 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM64169 Datasheet HTML 9Page - OKI electronic componets MSM64169 Datasheet HTML 10Page - OKI electronic componets MSM64169 Datasheet HTML 11Page - OKI electronic componets MSM64169 Datasheet HTML 12Page - OKI electronic componets MSM64169 Datasheet HTML 13Page - OKI electronic componets MSM64169 Datasheet HTML 14Page - OKI electronic componets MSM64169 Datasheet HTML 15Page - OKI electronic componets MSM64169 Datasheet HTML 16Page - OKI electronic componets MSM64169 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13/25
¡ Semiconductor
MSM64169
ELECTRICAL CHARACTERISTICS
DC Characteristics
VSS1 Voltage
VSS1
+100%
–50%
–1.7 –1.5 –1.3
V
Ca, Cb, C12=0.1 mF
VSS3 Voltage
VSS3
–4.7 –4.5 –4.3
V
Ca, Cb, C12=0.1 mF
–2.1 –1.5 –0.6
V
Within 5 seconds after oscillation
starts
VSSL Voltage
—
XTOSC Oscillation Start Voltage
VSTA
V
–2.6
XTOSC Oscillation Hold Voltage
VHOLD
XTOSC Stop Detection Time
TSTOP
ms
1000
XTOSC Internal Capacitance
CG
pF
20
When CG external option is used
XTOSC External Capacitance
CGEX
pF
30
XTOSC Internal Capacitance
CD
pF
20
700kOSC Internal Capacitance
COS
pF
16
0.1
15
10
10
15
10
12
8
External resistor ROS=100 kW,
VSS2=–2.6 to –3.6 V
700kOSC Oscillation Frequeney
kHz
910
700
520
fOSC
POR generated when VSS2 is
between VPOR1 and –3.0 V
POR Generation Voltage
V
0
–0.7
VPOR1
No POR generated when VSS2 is
between VPOR2 and –3.0 V
POR Non-generation Voltage
V
–2
–3
VPOR2
1
–2.6
V
Parameter
Symbol
Condition
Unit
Measur-
ing
Circuit
Max.
Typ.
Min.
VSSL
—
—
—
—
—
—
—
—
—
—
—
—
—
(VDD=VDDA=0 V, VSS2=VSS= –3.0 V, Ta= –40 to +85°C unless otherwise specified)
+100%
–50%
Notes: 1. "XTOSC" means a 32 kHz oscillation circuit.
2. "700kOSC" means 700 kHz RC oscillation circuit.
3. "POR" means Power-On Reset.
4. "TSTOP" means that system reset will occur if XTOSC stops oscillation over this time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com