Electronic Components Datasheet Search
  English  ▼

X  

MSM65514 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM65514
Description  High Performance 8-Bit Microcontroller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65514 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM65514 Datasheet HTML 9Page - OKI electronic componets MSM65514 Datasheet HTML 10Page - OKI electronic componets MSM65514 Datasheet HTML 11Page - OKI electronic componets MSM65514 Datasheet HTML 12Page - OKI electronic componets MSM65514 Datasheet HTML 13Page - OKI electronic componets MSM65514 Datasheet HTML 14Page - OKI electronic componets MSM65514 Datasheet HTML 15Page - OKI electronic componets MSM65514 Datasheet HTML 16Page - OKI electronic componets MSM65514 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
¡ Semiconductor
MSM65514/65P514
DC Characteristics 2 (2.7
£
£
£
£
£ VDD < 4.5V)
(GND=0V, Ta=–40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
"H" Input Voltage 1 *1
VIH1
—
0.5VDD+0.2
—
VDD+0.3
"H" Input Voltage 2 *2
VIH2
—
0.6VDD+0.4
—
VDD+0.3
"L" Input Voltage
VIL
—
–0.3
—
0.15VDD+0.1
"H" Output Voltage 1 *3
VOH1
IOH=–10mA
0.75VDD
——
"H" Output Voltage 2 *4
VOH2
IOH=–20mA
0.75VDD
——
"L" Output Voltage 1 *3
VOL1
IOL=10mA
—
—
0.1
"L" Output Voltage 2 *4
VOL2
IOL=20mA
—
—
0.1
Input Lack Current 1 *5
ILI1
VI=VDD/0V
—
—
±1
Input Lack Current 2 *6
ILI2
VI=VDD/0V
—
—
±10
"L" Input Current *7
IIL
VDD=2.7 to 3.3V, VI=0V
–40
–120
–240
Input Capacity
CI
f=1MHz, Ta=25°C
—
5
—
Still Current Consumption
IDDS
3V, Stop mode *8
——
25
Operating Current Consumption
IDD
5MHz, 3V, no load
Refer to Fig.2
—6
15
V
mA
pF
mA
mA
*1 Excluding OSC0 and RESET
*2 OSC0 and RESET
*3 Excluding P0, ALE, RD, P2.6/WR
*4 P0, ALE, RD, P2.6/WR
*5 EA, P6
*6 Excluding RESET, EA, P6
*7 RESET
*8 The ports configured as inputs should be coupled to VDD or 0V. Other ports should not be
loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com