Electronic Components Datasheet Search
  English  ▼

X  

MSM65516 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM65516
Description  High performance 8-Bit Microcontroller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65516 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM65516 Datasheet HTML 4Page - OKI electronic componets MSM65516 Datasheet HTML 5Page - OKI electronic componets MSM65516 Datasheet HTML 6Page - OKI electronic componets MSM65516 Datasheet HTML 7Page - OKI electronic componets MSM65516 Datasheet HTML 8Page - OKI electronic componets MSM65516 Datasheet HTML 9Page - OKI electronic componets MSM65516 Datasheet HTML 10Page - OKI electronic componets MSM65516 Datasheet HTML 11Page - OKI electronic componets MSM65516 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8/23
¡ Semiconductor
MSM65516/65P516
Port Circuit Configuration
Type
Port
Electrical Characteristics
(VDD=5V)
P0.0/AD0 to
P0.7/AD7
1
"H" Input Voltage:
• VIH=2.4V
"L" Input Voltage:
• VIL=0.8V
"H" Output Voltage:
• VOH=3.75V
• IOH=–400mA
"L" Output Voltage:
• VOL=0.4V
• IOL=3.2mA
Circuit Configuration
P1.0/A8 to
P1.7/A15
2
"H" Input Voltage:
• VIH=2.4V
"L" Input Voltage:
• VIL=0.8V
"H" Output Voltage:
• VOH=3.75V
• IOH=–200mA
"L" Output Voltage:
• VOL=0.4V
• IOL=1.6mA
P0D
P0
DIR
Data Bus
External Memory Control
PORT0
P1D
P1
DIR
Data Bus
External Memory Control
PORT1
Data Bus
PxD
Px
DIR
Secondary
Output
Function
(x=2 to 5)
Px
MOD
PORTx
Secondary
Input
Function
3
"H" Input Voltage:
• VIH=2.4V
"L" Input Voltage:
• VIL=0.8V
P2.6/WR
"H" Output Voltage:
• VOH=3.75V
• IOH=–400mA
"L" Output Voltage:
• VOL=0.4V
• IOL=3.2mA
Excluding P2.6/WR
"H" Output Voltage:
• VOH=3.75V
• IOH=–200mA
"L" Output Voltage:
• VOL=0.4V
• IOL=1.6mA
P2.0/RXD,
P2.1/TXD,
P2.6/WR,
P2.7/T1OUT,
P3.2/CMP0,
P3.3/CMP1,
P3.5/SFTO,
P3.7/SFTCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com