Electronic Components Datasheet Search
  English  ▼

X  

MSM65522 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM65522
Description  8-Bit Microcontroller with A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM65522 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM65522 Datasheet HTML 9Page - OKI electronic componets MSM65522 Datasheet HTML 10Page - OKI electronic componets MSM65522 Datasheet HTML 11Page - OKI electronic componets MSM65522 Datasheet HTML 12Page - OKI electronic componets MSM65522 Datasheet HTML 13Page - OKI electronic componets MSM65522 Datasheet HTML 14Page - OKI electronic componets MSM65522 Datasheet HTML 15Page - OKI electronic componets MSM65522 Datasheet HTML 16Page - OKI electronic componets MSM65522 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13/22
¡ Semiconductor
MSM65522/65P522
• CPU control
(VDD=2.7 to 5.5V, GND=0V, Ta=–40 to +85°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
RESET Pulse Width *1
tRESW1
20
—
ns
RESET Pulse Width *2
tRESW2
*3
—
—
—
—
*1 Excluding power ON, stop mode and hard stop mode.
*2 In power ON, stop mode and hard stop mode.
*3 Oscillation stabilization time depends on resonator.
RESET Pulse Width
tRESW1, 2
RESET
• Peripheral control 1
(VDD=2.7 to 5.5V, GND=0V, Ta=–40 to +85°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Clock Period
tC
100
—
ns
External Interrupt Pulse
Width
tEXIW
4 tC
—
External Clock Pulse
Width
tT0CW
4 tC
—
GATE Pulse Width
tT0GW
1 tTOCLK *1
—
—
OSC
EXI
T0
VDD=4.5 to 5.5V
VDD=2.7 to 4.5V
200
—
*1 tT0CLK : Timer 0 count clock period selected by T0CON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com