Electronic Components Datasheet Search
  English  ▼

X  

ASMB-585 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-585
Description  LGA 1151 Intel짰 Xeon짰 E3 v5/v6 & 6th/7th Generation Core??series MicroATX Server Board with 4 DDR4, 1 PCIe x16,3 PCIe x4, Quad LANs, USB 3.0
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-585 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-585 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-585 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ASMB-585
Block Diagram
Block Diagram
Ordering Information
Part Number
Chipset
Memory
LAN
IPMI
Graphic
ASMB-585G2-00A1E
C236
DDR4 ECC/Non-ECC
2
-
Intel HD Graphics
ASMB-585G4-00A1E
C236
DDR4 ECC/Non-ECC
4
-
Intel HD Graphics
Optional Accessories
Part Number
Description
1960049408N001
LGA 1151 CPU heatsink for 1U chassis (TDP up to 95W)
1960052651N021
LGA 1151 CPU cooler for 2U/4U chassis (TDP up to 95W)
PCA-TPM-00B1E
TPM 2.0 Module by LPC
19Z0001156T010
1U IO bracket for ASMB-585
1700002204
Dual port USB2.0 cable (27 cm) with bracket
1700008461
Four port USB2.0 cable (30.5 cm) with bracket
1700020277-01
Dual port USB3.0 cable (30 cm) with bracket
PCA-COM232-00A1E 4 ports RS-232 module connect to LPC connector
PCA-COM485-00A1E 4 ports RS-422/485 module connect to LPC connector
1701090401
Single port RS-232 cable(40cm) for COM2 connector
1700026254-01
Dual port RS-232 cable(45cm) for COM3_4 & COM5_6
connector
968EMLSAP2
SUSIAccess Pro 3.0
1700019268-11
Cable for onboard KBMS1 connector (35cm)
1960063434N000
Cable bracket for 1700019268-11
Note 1: Purchasing ASMB-585's proprietary CPU cooler from Advantech is a must. Other
brands' CPU coolers may NOT compatible with ASMB-585.
I/O View
ASMB-585G4-00A1E
ASMB-585G2-00A1E
Packing List
Part Number
Description
Quantity
2061058502
Driver CD
x 1
2001058502
Startup manual
x 1
1700003194
SATA data cables
x 2
1700022749-11
SATA power cables
x 2
19Z0000996T010
I/O shield
x 1
Channel A
Intel C236 PCH
2 x DDR4 ECC/Non-ECC 2400/2133/1866/1600 MHz
Channel B
2 x DDR4 ECC/Non-ECC 2400/2133/1866/1600 MHz
HD Audio
PCIe Gen3 x4
HD Audio header
PCIe x4 slot- slot 7
PCIe Gen3 x1
PCIe x4 slot- slot 5
PCIe Gen3 x4
PCIe x4 slot- slot 4
600MB/s
7 x SATA III
USB 2.0
3 x USB 2.0 header (6 ports)
1 x Type-A connector
USB 3.0
4 x USB 3.0 (rear side)
1 x USB3.0 header (2 ports)
LPC Connector
PCIe x 1
LAN1: Intel I219LM
(PHY)
RJ45
PCIe x 1
LAN2: Intel I210AT
RJ45
PCIe x 1
LAN3: Intel I210AT
RJ45
PCIe x 1
LAN4: Intel I210AT
2 x RS-232
Nuvoton
NCT6776D
16 MB
BIOS Flash
RJ45
4 x RS-232
PCIe Gen3 x16
PCIe x16 slot-slot 6
Level Shifter
DVI-D
DP
Level Shifter
DVI-D
DP
Converter
VGA (D-Sub)
DP
Intel E3-1200 v5/v6 and
6th/7th Gen Core I3/i5/i7
series Processors
LPC to UART
F81216AD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com