Electronic Components Datasheet Search
  English  ▼

X  

ASMB-786 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-786
Description  LGA 1151 Intel짰 Xeon짰 E & 8th Generation Core??ATX Server Board with 4 DDR4, 7 PCIe, 6 USB 3.1, 8 SATA3, Quad/Dual LANs, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-786 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-786 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-786 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Server Boards
Features
ASMB-786
ƒ Supports LGA 1151 Intel® Xeon® E & 8th Generation Core™ i7/i5/i3
processors
ƒ DDR4 2666/2400/2133 MHz ECC/Non-ECC UDIMM up to 64 GB
ƒ One Gen 3.0 PCIe x16 link (or two PCIe x16 slots with x8 link), two PCIe x4,
and three PCIe x1 slots
ƒ Triple displays - DVI-D, VGA and HDMI 2.0 ports
ƒ Eight SATA3 ports and six USB 3.1 ports
ƒ Rackmount optimized placement with positive air flow design
ƒ 0 ~ 60° C ambient operating temperature range
LGA 1151 Intel® Xeon® E & 8th
Generation Core™ ATX Server Board
with 4 DDR4, 7 PCIe, 6 USB 3.1,
8 SATA3, Quad/Dual LANs, IPMI
Specifications
Form Factor
ATX form factor
Processor System
Socket
Intel LGA 1151
CPU type
Intel® Xeon® E and 8th Generation Core™ i3/i5/i7 series (TDP up to 95W)
Core Logic
Chipset
Intel C246 chipset
Memory
Total slots
4 (Dual Channel)
Max. capacity
64 GB
Memory type
DDR4 ECC/Non-ECC 2666/2400/2133 MHz UDIMM (288-pin)
Memory size
4 GB, 8 GB, 16 GB
Expansion Slots
Total PCI/PCI-X/PCIe slots
7
Slot location 1
PCIe x1
Slot location 2
PCIe x4 slot (Gen3 x4 link)
Slot location 3
PCIe x1
Slot location 4
PCIe x16 slot (Gen3 x8 link)
Slot location 5
PCIe x1
Slot location 6
PCIe x16 slot (Gen3 x8 or x16 link)
Slot location 7
PCIe x4 slot (Gen3 x4 link)
Graphics
Controller
Intel HD Graphics
VRAM
1 GB maximum shared memory with 2 GB and above system memory installed
Storage
SATA controller
Intel C246: 8 SATA3 6 Gb/s ports with Intel Matrix Storage support (for Windows only)
(Supports software RAID 0, 1, 10 & 5)
SAS controller
-
Networking
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Intel I219; GbE LAN 2~4: Intel I210-AT
Connector
RJ-45 x 2 for G2 version; RJ-45 x 4 for G4 version
Onboard I/O Connector
Printer Port connector
1
PSU connector
24-pin SSI power connector + 8-pin SSI 12V power connector
USB connector
1 USB 3.1 Gen 1 (2 ports), 3 USB 2.0 (6 ports), 1 USB Type-A
Fan header
5 (4-pin)
SMBus
1
Chassis intruder
1
Front LAN LED
2
Serial port header
1 (supports 1 x RS-232 port)
Audio connector
1 (ALC 892)
PS/2 KB/Mouse
1
Rear I/O Connector
External serial port
1
External USB port
4 (USB 3.1 Gen 2)
VGA port
1
DVI port
1
HDMI port
1
RJ-45
2 for G2 version; 4 for G4 version
Audio connector
2 (Mic-in, Line-out)
PS/2 KB/Mouse
-
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec
Power Requirement
Power On
3.3 V
5 V
12 V
12V_8P
5 Vsb
-12 V
(i7-8700@ 3.2GHz DDR4 2400 4G*4)
3.44A
2.61A
1.04A
6.50A
0.09A
-0.02A
Environment
Operating
Non-operating
Temperature
0 ~ 60° C (32 ~ 140° F)
Depends on CPU speed and cooler solution
-40 ~ 85° C (-40 ~ 185° F)
Humidity
10 ~ 90%
10 ~ 95% (Non-condensing)
Physical Characteristics
Dimensions
304.8 x 244 mm (12" x 9.6")
Preliminary
PCIe x4
AUDIO
HDMI1_VGA1
LAN2_USB3_4
DVI1_COM1
LAN1_USB1_2
PMBUS1
Intel LGA1151 Socket
DDR4 2666 MHz
Max 64GB
LAN3_LAN4
COM2
USB2.0
USB3.1
BMC1
PCIe x16
USB Type-A
KBMS1
8 SATAIII
PCIe x1
Intel C246 PCH
BMC_VGA1
All product specifications are subject to change without notice.
Last updated: 12-Jul-2018


Similar Part No. - ASMB-786

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-781 ADVANTECH-ASMB-781 Datasheet
2Mb / 2P
LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
ASMB-781G2-00A1E ADVANTECH-ASMB-781G2-00A1E Datasheet
2Mb / 2P
LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
ASMB-781G2-00A1E ADVANTECH-ASMB-781G2-00A1E Datasheet
958Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8,Quad LANs
ASMB-781G2-00A1E ADVANTECH-ASMB-781G2-00A1E Datasheet
680Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3/ 2nd Generation Core??ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
20-Jun-2018
ASMB-781G4-00A1E ADVANTECH-ASMB-781G4-00A1E Datasheet
2Mb / 2P
LGA 1155 Intel짰 Xeon짰 E3 ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
More results

Similar Description - ASMB-786

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-785G2-00A1E ADVANTECH-ASMB-785G2-00A1E Datasheet
1Mb / 2P
LGA 1151 Intel짰 Xeon짰 E3 V5 ATX Server Board with DDR4, 4 PCIe, 3 PCI, 6 USB 3.0, 6 COM, 6 SATA3, Quad/Dual LANs,2 DVI Ports
ASMB-823-00A1E ADVANTECH-ASMB-823-00A1E Datasheet
600Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3 ATX Server Board with DDR4, 4 PCIe x16, 6 USB 3.0, SATA3, Dual LAN, IPMI 2.0
ASMB-785G2-00A1E ADVANTECH-ASMB-785G2-00A1E Datasheet
1Mb / 2P
LGA 1151 Intel짰 Xeon짰 E3 v5/v6 & 6th/7th Generation Core??ATX Server Board with DDR4, 4 PCIe, 3 PCI, 6 USB 3.0, 6 COM, 6 SATA3, Quad/Dual LANs
ASMB-585 ADVANTECH-ASMB-585_V01 Datasheet
712Kb / 2P
LGA 1151 Intel짰 Xeon짰 E3 v5/v6 & 6th/7th Generation Core??series MicroATX Server Board with 4 DDR4, 1 PCIe x16,3 PCIe x4, Quad LANs, USB 3.0
13-Sep-2017
ASMB-785 ADVANTECH-ASMB-785_V01 Datasheet
1Mb / 2P
LGA 1151 Intel짰 Xeon짰 E3 v5/v6 & 6th/7th Generation Core??ATX Server Board with 4 DDR4, 4 PCIe, 3 PCI, 6 USB 3.0, 6 COM, 6 SATA3, Quad/Dual LANs
13-Sep-2017
ASMB-815 ADVANTECH-ASMB-815 Datasheet
852Kb / 2P
LGA 3647-P0 Intel짰 Xeon짰 Scalable ATX Server Board with 6 DDR4, 5 PCIe x8 or 2 PCIe x16 and 1 PCIe x8, 8 SATA3, 6 USB3.0, Dual 10GbE, IPMI
13-Sep-2017
ASMB-823 ADVANTECH-ASMB-823_V01 Datasheet
703Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/ v4 ATX Server Board with 6 DDR4, 4 PCIe x16, 6 USB 3.0, SATA3, Dual LAN, IPMI
ASMB-825 ADVANTECH-ASMB-825 Datasheet
517Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable ATX Server Board with 6 DDR4, 4 PCIe x16 2 PCIe x8, 8 SATA3, 6 USB3.0, Dual 10GbE, IPMI
13-Sep-2017
ASMB-781 ADVANTECH-ASMB-781_V01 Datasheet
680Kb / 2P
LGA 1155 Intel짰 Xeon짰 E3/ 2nd Generation Core??ATX Server Board with 1 PCIe x16 or 2 PCIe x8, Quad LANs
20-Jun-2018
ASMB-586 ADVANTECH-ASMB-586 Datasheet
447Kb / 2P
LGA 1151 Intel® Xeon® E & 8th/9th Generation Core™ MicroATX Server Board with 4 DDR4, 4 PCIe, 6 USB 3.1, 8 SATA3, Quad/Dual LANs, IPMI
20-Sep-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com