Electronic Components Datasheet Search
  English  ▼

X  

ASMB-825 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ASMB-825
Description  Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable ATX Server Board with 6 DDR4, 4 PCIe x16 2 PCIe x8, 8 SATA3, 6 USB3.0, Dual 10GbE, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-825 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ASMB-825 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-825 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
ASMB-825
ASMB-825T2-00A1E
ASMB-825-00A1E
ASMB-825I-00A1E
Ordering Information
Part Number
Chipset
Memory
GbE/10GbE LAN
IPMI
VGA Chip
ASMB-825-00A1E
C621
DDR4 RDIMM
2/-
-
AST 2510
ASMB-825I-00A1E
C621
DDR4 RDIMM
2/-
Yes
AST 2500
ASMB-825T2-00A1E
C622
DDR4 RDIMM
2/2
Yes
AST 2500
Packing List
Part Number
Description
Quantity
2066825I00
Driver CD
x 1
2006825I10
Startup manual
x 1
1700003194
SATA data cables
x 2
1700022749-11
SATA power cables
x 2
1700019748
CPU power cable
x 2
1930007120-01
Screw for M.2 device
x 2
1960076489T000
I/O shield
x 1
I/O View
Optional Accessories
Part Number
Description
PCA-AUDIO-HDB1E
HD Audio-card
PCA-TPM-00B1E
TPM 2.0 Module by LPC
1960081603N001
LGA-3647 narrow CPU cooler for 2U/4U chassis
1960081155N001
LGA-3647 narrow CPU cooler for 1U chassis
1700002204
Dual port USB cable (27 cm) with bracket
1700008461
Four port USB cable (30.5 cm) with bracket
1700020277-01
Dual port USB 3.0 cable (30 cm) with bracket
1701090401
COM port cable (40 cm) with bracket
1700019268-11
PS/2 port cable (35 cm)
1960063434N000
Cable bracket for 1700019268-11
1960082348T000
For 1U chassis IO shield
Intel LGA 3647-P0
Xeon® Scalable
Processors
(CPU1)
Intel LGA 3647-P0
Xeon® Scalable
Processors
(CPU0)
UPI Port0: 10.4GT/s
UPI Port1: 10.4GT/s
Channel 0
ECC DDR4 2133/2400/2666
ECC DDR4 2133/2400/2666
ECC DDR4 2133/2400/2666
ECC DDR4 2133/2400/2666
ECC DDR4 2133/2400/2666
ECC DDR4 2133/2400/2666
Channel 1
Channel 2
Channel 0
Channel 1
Channel 2
PCIe x8 Slot
PCIe Gen3 x8
Slot 3
PCIe x16 Slot
PCIe Gen3 x16
Slot 2
PCIe x16 Slot
PCIe Gen3 x16
Slot 5
PCIe x8 Slot
PCIe Gen3 x8
Slot 1
PCIe x16 Slot
PCIe Gen3 x16
Slot 4
PCIe x16 Slot
PCIe Gen3 x16
Slot 6
SATA
6 Gb/s
Intel C620 PCH
PHY TX/RX di .
10GbE
LAN3/4: X557
8 x SATA3
(RAID 0,1,5,10)
USB 2.0
5 x USB2.0
(1 type A)
(4 on board)
USB 3.0
6 x USB3.0
(4 on board / 2 Rear)
sSATA
6 Gb/s
1 x M.2 2280
PCIe Gan3 x4
8 Gb/s
HD Audio
HD Conn.
PCIe Gen2 x1
GbE LAN1: I210
MDI
MDI
MDI
PCIe Gen2 x1
NC-SI
GbE LAN2: I210
MDI
USB 2.0
PCIe Gen3 x1
BMC
AST2500
SPI
SPI Flash 32MB
DDR3
DRAM
RJ45
RJ45
RJ45
RJ45
RGB
VGA Conn.
LPC Conn.
7 x FAN Conn.
EC
IT8528E
SPI
BIOS
2 x RS-232 Header/Conn.
8 bit GPIO Pin Header
PS/2 KB, MS
128Mbit
LPC BUS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com