Electronic Components Datasheet Search
  English  ▼

X  

ASMB-925 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ASMB-925
Description  Dual LGA3647-P0 Intel짰 Xeon짰 Scalable EATX Server Board with 12 DDR4, 5 PCIe x16 1 PCIe x8 1 PCI, 8 SATA3, 6 USB3.0, Dual 10GbE, IPMI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ASMB-925 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ASMB-925 Datasheet HTML 1Page - Advantech Co., Ltd. ASMB-925 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Server Motherboards
Features
ƒ EATX Server Board with dual Xeon Scalable processors
ƒ DDR4 2666 MHz RDIMM up to 384 GB (12 DIMMs)
ƒ Five PCIe x16 (Gen3), one PCIe x8 (Gen3), and one PCI slots
ƒ Intel® X557-AT2 dual 10GbE ports
ƒ Eight SATA3 and six USB3.0 ports
ƒ 0 ~ 40 °C ambient operation temperature range
Dual LGA3647-P0 Intel® Xeon®
Scalable EATX Server Board with
12 DDR4, 5 PCIe x16 + 1 PCIe x8 + 1 PCI,
8 SATA3, 6 USB3.0, Dual 10GbE, IPMI
Specifications
Form Factor
EATX form factor
Processor System
Socket
Intel LGA3647-P0
CPU type
Intel Xeon Scalable dual processors (CPU cooler should be purchased separately and TDP up to 205W)
Core Logic
Chipset
Intel C620 chipset
Memory
Total slots
12 (1 DIMM per channel)
Capacity
Maximum 384 GB ECC RDIMM
Memory type
DDR4 ECC-REG 1866/2133/2400 /2666 MHz DIMM
Memory size
4 GB, 8 GB, 16 GB, 32 GB
Expansion Slots
Total PCI/PCI-X/PCIe slots
7
Slot location 1
PCI, signal from PCH
Slot location 2
PCIe x16 slot (x16 link), signal from CPU1
Slot location 3
PCIe x16 slot (x16 link), signal from CPU1
Slot location 4
PCIe x16 slot (x16 link), signal from CPU0
Slot location 5
PCIe x16 slot (x16 link), signal from CPU1
Slot location 6
PCIe x16 slot (x16 link), signal from CPU0
Slot location 7
PCIe x8 slot (x8 link), signal from CPU0
Graphics
VGA
ASPEED AST2500/2510
Storage
IDE controller
-
SATA controller
Intel C620: 8 x SATA3 / 6 Gb/s ports Intel Rapid Storage Technology (for Windows only)
(SATA0-SATA7 supports software RAID 0, 1, 10 & 5)
SAS controller
-
Networking
GbE/10GbE LAN
2 x Intel I210AT / Intel X557-AT2 (dual 10GbE ports for ASMB-925T2 sku only)
Onboard I/O Connectors
Floppy connector
-
PSU connector
24-pin SSI power connector + 3 x 8-pin SSI 12 V power connector
USB connector
4 x USB2.0 ports (two onboard headers) + 2 x USB3.0 ports (one onboard headers) + 1 x Type-A USB2.0 port
Fan header
7 x 4pin (5 for system + 2 for CPU)
SMBus
1
Chassis intruder
1
Front LAN LED
1
Audio Header
1
PS/2 KB/Mouse
1
Serial port header
1
Rear I/O Connectors
External serial port
1
External USB port
4 (USB3.0)
VGA port
1
RJ-45
4 (LAN2 sharing with IPMI function)
PS/2 KB/mouse
-
Infiniband
-
Management Solution
Software
-
Out of band remote management
Yes (ASMB-925I/ASMB-925T2 sku only)
Monitoring
CPU temperature
Yes
System Monitoring
Yes
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirement
Power On
3.3V
5V
12V
5Vsb
-12V
12V_8P_0
12V_8P_1
(205W CPU@2.5GHz DDR4 2400 4G*12)
1.51A
5.19A
0A
0.05A
0A
20.58A
20.08A
Environment
Operating
Non-operating
Temperature
0 ~ 40 °C, depends on CPU speed and cooler
solution
-40 ~ 85 °C
Humidity
10% ~ 95%
10% ~ 95% (Non condensing)
Physical Characteristics
Dimension (L x H)
304.8 x 330.2 mm (12" x 13")
ASMB-925
NEW
PCI_SLOT1
PCIEX16_SLOT2
USB11
USB5_6
SATA0~7
PCIEX16_SLOT3
PCIEX16_SLOT4
PCIEX16_SLOT5
PCIEX16_SLOT6
LAN34 LAN1_USB1_2
VGA1_COM1
DIMMI1
DIMMF1
DIMMJ1
DIMMA1
DIMMH1
DIMME1
DIMMK1
DIMMB1
DIMMG1
DIMMD1
DIMML1
DIMMC1
CPU1
CPU0
USB7_8
PCH
USB9_10
PCIEX8_SLOT7 LAN2_USB3_4
All product specifications are subject to change without notice.
Last updated: 13-Sep-2017


Similar Part No. - ASMB-925

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-920-00A1E ADVANTECH-ASMB-920-00A1E Datasheet
531Kb / 2P
Dual LGA 2011 Intel짰 Xeon짰 E5 EATX Server Board with DDR3, 2 PCIe x16 (Gen 3.0), PME Expansion Module, SAS RAID
ASMB-920IR ADVANTECH-ASMB-920IR Datasheet
531Kb / 2P
Dual LGA 2011 Intel짰 Xeon짰 E5 EATX Server Board with DDR3, 2 PCIe x16 (Gen 3.0), PME Expansion Module, SAS RAID
ASMB-920IR-00A1E ADVANTECH-ASMB-920IR-00A1E Datasheet
531Kb / 2P
Dual LGA 2011 Intel짰 Xeon짰 E5 EATX Server Board with DDR3, 2 PCIe x16 (Gen 3.0), PME Expansion Module, SAS RAID
ASMB-922-00A1E ADVANTECH-ASMB-922-00A1E Datasheet
595Kb / 2P
Dual Intel짰 Xeon짰 E5-2600 / 2600 v2 EATX Server Board with DDR3, 3 PCIe x16 1 PCIe x8, PME support
ASMB-922I ADVANTECH-ASMB-922I Datasheet
1Mb / 4P
Intel짰 Xeon짰 E5-2600 series Dual 2011 Socket EATX Server Board with 4 PCIe Expansion Slots
More results

Similar Description - ASMB-925

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ASMB-820I ADVANTECH-ASMB-820I Datasheet
2Mb / 2P
LGA 1356 Intel짰 Xeon짰 E5 ATX Server Board with DDR3, 1 PCIe x16 and 1 PCIe x8
ASMB-922-00A1E ADVANTECH-ASMB-922-00A1E Datasheet
595Kb / 2P
Dual Intel짰 Xeon짰 E5-2600 / 2600 v2 EATX Server Board with DDR3, 3 PCIe x16 1 PCIe x8, PME support
ASMB-820I-00A1E ADVANTECH-ASMB-820I-00A1E Datasheet
581Kb / 2P
LGA 1356 Intel짰 Xeon짰 E5 ATX Server Board with DDR3, 1 PCIe x16 and 1 PCIe x8
ASMB-823-00A1E ADVANTECH-ASMB-823-00A1E Datasheet
600Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3 ATX Server Board with DDR4, 4 PCIe x16, 6 USB 3.0, SATA3, Dual LAN, IPMI 2.0
ASMB-815 ADVANTECH-ASMB-815 Datasheet
852Kb / 2P
LGA 3647-P0 Intel짰 Xeon짰 Scalable ATX Server Board with 6 DDR4, 5 PCIe x8 or 2 PCIe x16 and 1 PCIe x8, 8 SATA3, 6 USB3.0, Dual 10GbE, IPMI
13-Sep-2017
ASMB-825 ADVANTECH-ASMB-825 Datasheet
517Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable ATX Server Board with 6 DDR4, 4 PCIe x16 2 PCIe x8, 8 SATA3, 6 USB3.0, Dual 10GbE, IPMI
13-Sep-2017
ASMB-923 ADVANTECH-ASMB-923_V01 Datasheet
722Kb / 2P
Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 8 DDR4, 4 PCIe x16 2 PCIe x8, 4 USB 3.0, IPMI
25-Jan-2018
ASMB-975 ADVANTECH-ASMB-975 Datasheet
470Kb / 2P
Dual LGA 3647-P0 Intel짰 Xeon짰 Scalable Proprietary Server Board with 12 DDR4, 4 PCIe x16 1 PCIe x84 PCIe x4, 14 SATA3, 8 USB3.0, Dual 10GbE, IPMI
22-Sep-2017
ASMB-622 ADVANTECH-ASMB-622 Datasheet
558Kb / 2P
Dual LGA 4189 Intel® Xeon® Scalable Proprietary Server Board with 16 DDR4, 4 PCIe x16, 3 PCIe x8, 1 PCIe x4, 5 SATA3, 4 USB3.0, IPMI
22-Jul-2021
ASMB-935 ADVANTECH-ASMB-935 Datasheet
444Kb / 2P
Dual LGA3647-P0 Intel® Xeon® Scalable EATX Server Board with 24 DDR4, 5 PCIe x16 1 PCIe x8, 10 SATA3.0, 6 USB3.0, Dual 10GbE, IPMI
17-Feb-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com