Electronic Components Datasheet Search
  English  ▼

X  

MSM587 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM587
Description  Built-in 16 bit PWM and 8 bit A/D Converter, High-speed High-preformance 16 bit Microcontroller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM587 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM587 Datasheet HTML 8Page - OKI electronic componets MSM587 Datasheet HTML 9Page - OKI electronic componets MSM587 Datasheet HTML 10Page - OKI electronic componets MSM587 Datasheet HTML 11Page - OKI electronic componets MSM587 Datasheet HTML 12Page - OKI electronic componets MSM587 Datasheet HTML 13Page - OKI electronic componets MSM587 Datasheet HTML 14Page - OKI electronic componets MSM587 Datasheet HTML 15Page - OKI electronic componets MSM587 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12/24
¡ Semiconductor
MSM66585/586/587/P587/Q587
ELECTRICAL CHARACTERISTICS
DC Characteristics (VDD=5V±10%)
Input high voltage
Symbol
Units
Conditions
Parameter
Min
Input low voltage
Input low voltage
Output high voltage
VIH
VIL
VOH
V
(Ta=–30 to +70°C)
Input high voltage
—
0.44VDD
Typ
Max
1
2, 4, 5, 6, 7
1
2, 4, 5, 6, 7
1, 4
—VDD+0.3
—
0.80VDD
—VDD+0.3
–0.3
—
0.16VDD
–0.3
—
0.2VDD
VDD–0.4
——
Output high voltage
2
VDD–0.4
——
IO=–400mA
IO=–200mA
Output low voltage
VOL
1, 4
—
—
0.4
Output low voltage
2
—
—
0.8
IO=3.2mA
IO=1.6mA
Input leakage current
Input current
Input current
IIH/IIL
3, 6
5
7
VI=VDD/0V
—
—
1/–1
—
—
1/–250
—
—
15/–15
mA
Output leakage current 1, 2, 4
—
—
±10
ILO
VO=VDD/0V
mA
Input capacitance
Output capacitance
—
5—
—
7—
CI
CO
f=1MHz, Ta=25°C
pF
—
—4
—
—10
A/D conversion operating
A/D conversion stopped
mA
mA
IREF
Analog reference power supply
current
—
0.2
10
—
1
100
VDD=2V, Ta=25°C*
*
mA
IDDS
Supply current
(stop mode)
Supply Current (halt mode)
Supply Current
—
—
IDDH
IDD
fOSC=20MHz,
No Load
mA
Pull-up resistor
Rpull
VI=0V
50
kW
25
70
25
100
IO=–2.0 mA
IO=–2.0 mA
VDD–0.6
VDD–0.6
IO=5.0mA
IO=5.0mA
—
—
—
—
—
—
—
—
0.4
0.8
10
45
2
1. Applies to P0.
2. Applies to P1, P2, P4, P6, P7_2-P7_7, P8-P10, P12.
3. Applies to Ain.
4. Applies to P5_4, P5_5, P7_0, P7_1.
5. Applies to RES.
6. Applies to EA, NMI.
7. Applies to OSC0.
*
For input ports, VDD or 0 V. For other cases, unloaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com