Electronic Components Datasheet Search
  English  ▼

X  

4451864 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 4451864
Description  Ball valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

4451864 Datasheet(HTML) 1 Page - Festo Corporation.

  4451864 Datasheet HTML 1Page - Festo Corporation. 4451864 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ball valve
VZBM-11/2-RP-25-F-3L-F0405-B2B3
Part number: 4451864
Data sheet
Feature
Value
Type code
VZBM
Structural design
3-way ball valve
Drilled L hole
Actuation type
Mechanical
Sealing principle
Soft
Mounting position
Any
Type of mounting
Line installation
Fitting connection
Rp1 1/2
Switching position indication
Slot direction = flow direction
Flange hole pattern
F04
F05
Inside diameter
38 mm
Nominal width DN
40
Valve function
3/2
Flow direction
Reversible
Nominal pressure of fitting PN
25
Breakaway torque at differential pressure, nominal pressure, fitting PN
26.7 Nm
Based on norm
EN 10226-1
ISO 5211
Symbol
00991888
Medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Inert gas
Water – no water vapor
Neutral liquids
Temperature of medium
-20 °C ... 130 °C
Flow rate Kv type L
200 m³/h
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Housing material
Brass
Nickel-plated
Material number of housing
CW617N
11/23/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 4451864

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
4451860 FESTO-4451860 Datasheet
106Kb / 2P
Ball valve
11/23/21
4451861 FESTO-4451861 Datasheet
106Kb / 2P
Ball valve
11/23/21
4451862 FESTO-4451862 Datasheet
106Kb / 2P
Ball valve
11/23/21
4451863 FESTO-4451863 Datasheet
106Kb / 2P
Ball valve
11/23/21
4451865 FESTO-4451865 Datasheet
106Kb / 2P
Ball valve
11/23/21
More results

Similar Description - 4451864

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
153484 FESTO-153484 Datasheet
95Kb / 2P
Ball valve
4/15/22
153487 FESTO-153487 Datasheet
87Kb / 2P
Ball valve
4/15/22
8089038 FESTO-8089038 Datasheet
98Kb / 2P
Ball valve
6/30/22
8089045 FESTO-8089045 Datasheet
96Kb / 2P
Ball valve
6/30/22
8089056 FESTO-8089056 Datasheet
87Kb / 2P
Ball valve
6/30/22
8096667 FESTO-8096667 Datasheet
85Kb / 2P
Ball valve
6/30/22
4745221 FESTO-4745221 Datasheet
82Kb / 2P
Ball valve
7/1/22
4745225 FESTO-4745225 Datasheet
82Kb / 2P
Ball valve
7/1/22
4834288 FESTO-4834288 Datasheet
99Kb / 2P
Ball valve
7/1/22
4834293 FESTO-4834293 Datasheet
100Kb / 2P
Ball valve
7/1/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com