Electronic Components Datasheet Search
  English  ▼

X  

MBF9045BB Datasheet(PDF) 9 Page - OKI electronic componets

Part # MBF9045BB
Description  SAW Antenna Duplexer (700 to 1000 MHz)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MBF9045BB Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MBF9045BB Datasheet HTML 2Page - OKI electronic componets MBF9045BB Datasheet HTML 3Page - OKI electronic componets MBF9045BB Datasheet HTML 4Page - OKI electronic componets MBF9045BB Datasheet HTML 5Page - OKI electronic componets MBF9045BB Datasheet HTML 6Page - OKI electronic componets MBF9045BB Datasheet HTML 7Page - OKI electronic componets MBF9045BB Datasheet HTML 8Page - OKI electronic componets MBF9045BB Datasheet HTML 9Page - OKI electronic componets MBF9045BB Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FEDW9045BB-01
1Semiconductor
MBF9045BB
9/10
RECOMMENDATION FOR SOLDER PAD PATTERN
The solder pad pattern should be designed by customers because it depends on the electrical
performance of the customers’ system. Following is an example of solder pad pattern which is used in
OKI’s package evaluation board. Please be noted that this is for reference purpose only.
0.1 mm
0.1 mm
0.5 mm
PCB pad pattern
Metal mask pattern
0.1 mm
25
µm
25
µm
Pad of Device
Please pay attention to the following items to maintain electrical performance.
(1)
Metal mask pattern for cream solder should be 25
µm smaller on each side. Metal mask is 0.15 mm in
thickness.
(2)
As the impedance of Tx, Rx, ANT is designed for 50
Ω, please consider this for the design of mother board.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com