Electronic Components Datasheet Search
  English  ▼

X  

MSM511666CL-XXJS Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM511666CL-XXJS
Description  65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM511666CL-XXJS Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM511666CL-XXJS Datasheet HTML 3Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 4Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 5Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 6Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 7Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 8Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 9Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 10Page - OKI electronic componets MSM511666CL-XXJS Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7/16
¡ Semiconductor
MSM511666C/CL
AC Characteristics (2/2)
Write Command Pulse Width
Write Command to CAS Lead Time
Write Command to RAS Lead Time
Data-in Set-up Time
Data-in Hold Time from RAS
CAS to WE Delay Time
RAS to WE Delay Time
Column Address to WE Delay Time
RAS to CAS Hold Time (CAS before RAS)
CAS Active Delay Time from RAS Precharge
Data-in Hold Time
Write Command Hold Time
Write Command Hold Time from RAS
OE Command Hold Time
OE to Data-in Delay Time
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3
Write Command Set-up Time
Parameter
RAS to CAS Set-up Time (CAS before RAS)
CAS Precharge WE Delay Time
MSM511666
C/CL-70
MSM511666
C/CL-60
Read Command Set-up Time
Read Command Hold Time
Read Command Hold Time referenced to RAS
WE Pulse Width (DQ Disable)
OE Command Hold Time
OE Precharge Time
Symbol
tWP
tCWL
tRWL
tDS
tDHR
tCWD
tRWD
tAWD
tCHR
tRPC
tDH
tWCH
tWCR
tOEH
tOED
tWCS
tCSR
tCPWD
tRCS
tRCH
tRRH
tWPE
tOCH
tOEP
0
0
0
Min.
10
20
20
0
40
40
80
50
5
10
0
10
10
40
10
15
0
55
7
10
10
—
—
—
Max.
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Note
11
10
10
10
11
10
10
9
9
0
0
0
Min.
10
20
20
0
45
45
95
60
5
10
0
10
10
45
10
15
0
65
7
10
10
—
—
—
Max.
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com