Electronic Components Datasheet Search
  English  ▼

X  

DLPC1438 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC1438
Description  DLPC1438 Digital Controller for TI DLP짰 3D Printers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC1438 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC1438 Datasheet HTML 9Page - Texas Instruments DLPC1438 Datasheet HTML 10Page - Texas Instruments DLPC1438 Datasheet HTML 11Page - Texas Instruments DLPC1438 Datasheet HTML 12Page - Texas Instruments DLPC1438 Datasheet HTML 13Page - Texas Instruments DLPC1438 Datasheet HTML 14Page - Texas Instruments DLPC1438 Datasheet HTML 15Page - Texas Instruments DLPC1438 Datasheet HTML 16Page - Texas Instruments DLPC1438 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
6.5 Power Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER(3) (4) (5)
TEST CONDITIONS
MIN
TYP (1)
MAX (2)
UNIT
I(VDD) +
I(VDD_PLLM) +
I(VDD_PLLD)
1.1-V rails
8 bit, 60 Hz, External Print Mode
163
278
mA
I(VDD_PLLM)
MCG PLL 1.1V (6)
8 bit, 60 Hz, External Print Mode
6
mA
I(VDD_PLLD)
DCG PLL 1.1V (6)
8 bit, 60 Hz, External Print Mode
6
mA
I(VCC18)
All 1.8-V I/O current: (1.8-V power supply
for all I/O other than the host or parallel
interface and the SPI flash interface)
8 bit, 60 Hz, External Print Mode
35
48
mA
I(VCC_INTF)
Host or parallel interface I/O current: 1.8 to
3.3 V (includes IIC0, PDATA, video syncs,
and HOST_IRQ pins) (6)
8 bit, 60 Hz, External Print Mode
2
mA
I(VCC_FLSH)
Flash interface I/O current: 1.8 to 3.3 V (6)
8 bit, 60 Hz, External Print Mode
1
mA
(1)
Assumes nominal process, voltage, and temperature (25°C nominal ambient) with nominal input images.
(2)
Assumes worst case process, maximum voltage, and high nominal ambient temperature of 65°C with worst case input image.
(3)
Values assume all pins using 1.1 V are tied together (including VDDLP12), and programmable host and flash I/O are at the minimum
nominal voltage (that is 1.8 V).
(4)
Input image is 1280 × 720, 8-bits on the parallel interface with 144 MHz pixel clock at the frame rate shown with the DLP300S DMD.
(5)
The values do not take into account software updates or customer changes that may affect power performance.
(6)
This rail was not measured due to board limitations. Simulation values are used instead. Simulations assume 12.5% activity factor,
30% clock gating on appropriate domains, and mixed SVT (standard threshold voltage) or HVT (high threshold voltage) cells.
www.ti.com
DLPC1438
DLPS216A – JULY 2021 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DLPC1438



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com