Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLPC3421 Display Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA2000 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments DLPA2000 Datasheet HTML 11Page - Texas Instruments DLPA2000 Datasheet HTML 12Page - Texas Instruments DLPA2000 Datasheet HTML 13Page - Texas Instruments DLPA2000 Datasheet HTML 14Page - Texas Instruments DLPA2000 Datasheet HTML 15Page - Texas Instruments DLPA2000 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V(VDD)
Core power 1.1 V (main 1.1 V)
1.045
1.10
1.155
V
V(VDDLP12)
DSI PHY low power mode driver supply
See (3) (4)
1.045
1.10
1.155
V
V(VCC18)
All 1.8-V I/O power:
(1.8-V power supply for all I/O pins except the host
or parallel interface and the SPI flash interface. This
includes RESETZ, PARKZ LED_SEL, CMP_OUT, GPIO,
IIC1, TSTPT, and JTAG pins.)
1.64
1.80
1.96
V
V(VCC_INTF)
Host or parallel interface I/O power: 1.8 to 3.3 V (includes
IIC0, PDATA, video syncs, and HOST_IRQ pins)
See (1)
1.64
1.80
1.96
V
2.28
2.50
2.72
3.02
3.30
3.58
V(VCC_FLSH)
Flash interface I/O power: 1.8 to 3.3 V
See (1)
1.64
1.80
1.96
V
2.28
2.50
2.72
3.02
3.30
3.58
V(VDD_PLLM)
MCG PLL 1.1-V power
See (2)
1.025
1.100
1.155
V
V(VDD_PLLD)
DCG PLL 1.1-V power
See (2)
1.025
1.100
1.155
V
TA
Operating ambient temperature(5)
–30
85
°C
TJ
Operating junction temperature
–30
105
°C
(1)
These supplies have multiple valid ranges.
(2)
The minimum voltage is lower than other 1.1-V supply minimum to enable additional filtering. This filtering may result in an IR drop
across the filter.
(3)
It is recommended that VDDLP12 rail is tied to the VDD rail. The DSI LP supply (VDDLP12) is only used for read responses from the
controller which are not supported. Because of this, a separate 1.2-V rail is not required. If a separate 1.2-V supply is already being
used to power this rail, a voltage tolerance of ±6.67% is allowed on this separate 1.2-V supply.
(4)
When the DSI-PHY LP supply (VDDLP12) is fed from a supply separate from VDD, the VDDLP12 power must sequence ON after the
1.1-V core supply and must sequence OFF before the 1.1-V core supply.
(5)
The operating ambient temperature range assumes 0 forced air flow, a JEDEC JESD51 junction-to-ambient thermal resistance value
at 0 forced air flow (RθJA at 0 m/s), a JEDEC JESD51 standard test card and environment, along with minimum and maximum
estimated power dissipation across process, voltage, and temperature. Thermal conditions vary by application, and this affects RθJA.
Thus, maximum operating ambient temperature varies by application.
•
Ta_min = Tj_min – (Pd_min × RθJA) = –30°C – (0.0 W × 30.3°C/W) = –30°C
•
Ta_max = Tj_max – (Pd_max × RθJA) = +105°C – (0.348 W × 30.3°C/W) = +94.4°C
6.4 Thermal Information
THERMAL METRIC(1)
DLPC3421
UNIT
ZVB (NFBGA)
176 PINS
RθJC
Junction-to-case top thermal resistance
11.2
°C/W
RθJA
Junction-to-air thermal
resistance
at 0 m/s of forced airflow(2)
30.3
°C/W
at 1 m/s of forced airflow(2)
27.4
at 2 m/s of forced airflow(2)
26.6
ψJT
Temperature variance from junction to package top center temperature, per unit power
dissipation(3)
0.27
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
Thermal coefficients abide by JEDEC Standard 51. RθJA is the thermal resistance of the package as measured using a JEDEC defined
standard test PCB. This JEDEC test PCB is not necessarily representative of the DLPC34xx PCB and thus the reported thermal
resistance may not be accurate in the actual product application. Although the actual thermal resistance may be different, it is the best
information available during the design phase to estimate thermal performance.
(3)
Example: (0.5 W) × (0.2°C/W) ≈ 0.1°C temperature rise.
DLPC3421
DLPS231 – OCTOBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DLPC3421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com