Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 3 Page - Texas Instruments

  INA849 Datasheet HTML 1Page - Texas Instruments INA849 Datasheet HTML 2Page - Texas Instruments INA849 Datasheet HTML 3Page - Texas Instruments INA849 Datasheet HTML 4Page - Texas Instruments INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
5 Device Comparison Table
DEVICE
DESCRIPTION
GAIN EQUATION
RG AT PINS
INA849
1-nV/√Hz Noise, 35-µV Offset, 0.4 µV/°C VOS Drift, 28-MHz Bandwidth,
Precision Instrumentation Amplifier
G = 1 +6 kΩ / RG
2, 3
INA821
35-µV Offset, 0.4 µV/°C VOS Drift, 7-nV/√Hz Noise, High-Bandwidth,
Precision Instrumentation Amplifier
G = 1 + 49.4 kΩ / RG
2, 3
INA819
35-µV Offset, 0.4 µV/°C VOS Drift, 8-nV/√Hz Noise, Low-Power,
Precision Instrumentation Amplifier
G = 1 + 50 kΩ / RG
2, 3
INA826
200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier
With Rail-to-Rail Output
G = 1 + 49.4 kΩ / RG
2, 3
INA818
35-µV Offset, 0.4 µV/°C VOS Drift, 8-nV/√Hz Noise, Low-Power,
Precision Instrumentation Amplifier
G = 1 + 50 kΩ / RG
1, 8
INA828
50-µV Offset, 0.5 µV/°C VOS Drift, 7-nV/√Hz Noise, Low-Power,
Precision Instrumentation Amplifier
G = 1 + 50 kΩ / RG
1, 8
INA333
25-µV VOS, 0.1 µV/°C VOS Drift, 1.8-V to 5-V, RRO, 50-µA IQ, Chopper-
Stabilized INA
G = 1 + 100 kΩ / RG
1, 8
PGA280
1/8 V/V to 128 V/V Programmable Gain Instrumentation Amplifier With
3-V or 5-V Differential Output; Analog Supply up to ±18 V
Digital programmable
N/A
INA159
G = 0.2 V Differential Amplifier for ±10-V to 3-V and 5-V Conversion
G = 0.2 V/V
N/A
PGA112
Precision Programmable Gain Op Amp With SPI
Digital programmable
N/A
6 Pin Configuration and Functions
1
RG
8
RG
2
–IN
7
+VS
3
+IN
6
OUT
4
–VS
5
REF
Not to scale
Figure 6-1. D (8-Pin SOIC) and DGK (8-Pin VSSOP) Packages, Top View
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
–IN
2
I
Negative (inverting) input
+IN
3
O
Positive (noninverting) input
OUT
6
—
Output
REF
5
—
Reference input. This pin must be driven by a low impedance source.
RG
1, 8
I
Gain setting pin. Place a gain resistor between pin 1 and pin 8.
–VS
4
—
Negative supply
+VS
7
—
Positive supply
www.ti.com
INA823
SBOSA75A – JULY 2021 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA823



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com