Electronic Components Datasheet Search
  English  ▼

X  

CTTSMD2120F Datasheet(PDF) 2 Page - Central Technologies

Part # CTTSMD2120F
Description  High Current SMD Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTTSMD2120F Datasheet(HTML) 2 Page - Central Technologies

  CTTSMD2120F Datasheet HTML 1Page - Central Technologies CTTSMD2120F Datasheet HTML 2Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 05.31.17
www.ctparts.com
High Current SMD Power Inductors
INDUCTANCE VS. CURRENT
IDC (A)
IDC (A)
IDC (A)
IDC (A)
IDC (A)
Part
to decrease L
to decrease L
to decrease L
to decrease L
to decrease L
Number
L(µH)
by 10%
by 20%
by 30%
by 40%
by50%
CTTSMD2120F-1R0M
1.0
15.3
24.5
34.4
45.9
61.3
CTTSMD2120F-1R2M
1.2
17.4
27.9
39.2
52.2
69.7
CTTSMD2120F-1R5M
1.5
15.8
25.3
35.6
47.4
63.3
CTTSMD2120F-1R8M
1.8
14.6
23.4
32.9
43.8
58.5
CTTSMD2120F-2R2M
2.2
13.1
21.0
29.5
39.3
52.5
CTTSMD2120F-2R7M
2.7
11.7
18.7
26.3
35.1
46.9
CTTSMD2120F-3R3M
3.3
15.1
24.2
34.0
45.3
60.5
CTTSMD2120F-3R9M
3.9
9.70
15.5
21.8
29.1
38.9
CTTSMD2120F-4R7M
4.7
8.90
14.3
20.0
26.7
35.7
CTTSMD2120F-5R6M
5.6
8.10
13.0
18.2
24.3
32.4
CTTSMD2120F-6R8M
6.8
7.40
11.9
16.7
22.2
29.6
CTTSMD2120F-8R2M
8.2
6.70
10.7
15.1
20.1
26.8
CTTSMD2120F-100K
10
6.10
9.77
13.7
18.3
24.4
CTTSMD2120F-120K
12
5.60
8.97
12.6
16.8
22.4
CTTSMD2120F-150K
15
4.90
7.85
11.0
14.7
19.6
CTTSMD2120F-180K
18
4.60
7.37
10.4
13.8
18.4
CTTSMD2120F-220K
22
4.10
6.57
9.23
12.3
16.4
CTTSMD2120F-270K
27
3.70
5.93
8.33
11.1
14.8
CTTSMD2120F-330K
33
3.35
5.37
7.54
10.1
13.4
CTTSMD2120F-390K
39
3.10
4.97
6.98
9.30
12.4
CTTSMD2120F-470K
47
2.80
4.49
6.30
8.40
11.2
CTTSMD2120F-560K
56
2.55
4.09
5.74
7.65
10.2
CTTSMD2120F-680K
68
2.35
3.76
5.29
7.05
9.41
CTTSMD2120F-820K
82
2.15
3.44
4.84
6.45
8.61
CTTSMD2120F-101K
100
1.92
3.08
4.32
5.76
7.69
CTTSMD2120F-121K
120
1.75
2.80
3.94
5.25
7.01
CTTSMD2120F-151K
150
1.58
2.53
3.56
4.74
6.33
CTTSMD2120F-181K
180
1.43
2.29
3.22
4.29
5.73
CTTSMD2120F-221K
220
1.30
2.08
2.93
3.90
5.21
CTTSMD2120F-271K
270
1.18
1.89
2.66
3.54
4.73
CTTSMD2120F-331K
330
1.11
1.78
2.50
3.33
4.45
CTTSMD2120F-391K
390
0.97
1.55
2.18
2.91
3.89
CTTSMD2120F-471K
470
0.89
1.43
2.00
2.67
3.57
CTTSMD2120F-561K
560
0.81
1.30
1.82
2.43
3.24
CTTSMD2120F-681K
680
0.74
1.19
1.67
2.22
2.96
CTTSMD2120F-821K
820
0.67
1.07
1.51
2.01
2.68
CTTSMD2120F-102K
1000
0.61
0.98
1.37
1.83
2.44



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com