Electronic Components Datasheet Search
  English  ▼

X  

CTTCMCF-08 Datasheet(PDF) 1 Page - Central Technologies

Part # CTTCMCF-08
Description  Common Mode Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTTCMCF-08 Datasheet(HTML) 1 Page - Central Technologies

  CTTCMCF-08 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 07.27.17
Common Mode Inductor
www.ctparts.com
CTTCMCF
Series
SPECIFICATIONS
Inductance
DCR
Physical Dim.
Physical Dim.
Physical Dim.
Physical Dim.
Physical Dim.
Physical Dim.
Part
Min. @ 1kHz
IDC
Max.
A
B
C
D
E
F
Number
(mH)
(A)
(Ω)
Max.
(±0.01)
(±0.015)
(±0.015)
Max.
Max.
CTTCMCF-01
4
1.7
0.173
0.760
0.425
0.600
0.250
0.90
0.040
CTTCMCF-02
2.5
2.4
0.090
0.760
0.425
0.600
0.250
0.90
0.040
CTTCMCF-03
1
4.8
0.022
0.760
0.425
0.600
0.250
0.90
0.040
CTTCMCF-04
10
2.4
0.170
1.20
0.60
0.800
0.400
1.20
0.050
CTTCMCF-05
7
2.8
0.120
1.20
0.60
0.800
0.400
1.20
0.050
CTTCMCF-06
5
3.7
0.070
1.20
0.60
0.800
0.400
1.20
0.050
CTTCMCF-07
2
6.6
0.022
1.20
0.60
0.800
0.400
1.20
0.050
CTTCMCF-08
1
10.0
0.010
1.20
0.60
0.800
0.400
1.20
0.050
CTTCMCF-09
30
2.3
0.330
1.35
0.80
0.900
0.600
1.45
0.050
CTTCMCF-10
20
2.9
0.210
1.35
0.80
0.900
0.600
1.45
0.050
CTTCMCF-11
12
4.0
0.110
1.35
0.80
0.900
0.600
1.45
0.050
CTTCMCF-12
8
5.6
0.055
1.35
0.80
0.900
0.600
1.45
0.050
CTTCMCF-13
5
8.9
0.022
1.45
0.80
0.900
0.600
1.50
0.043
CTTCMCF-14
2.5
12.5
0.011
1.45
0.80
0.900
0.600
1.50
0.053
CTTCMCF-15
1.2
16.0
0.006
1.50
0.80
0.900
0.600
1.53
0.060
CTTCMCF-16
50
2.3
0.450
1.55
0.80
0.900
0.600
1.65
0.050
CTTCMCF-17
36
2.9
0.300
1.55
0.80
0.900
0.600
1.65
0.050
CTTCMCF-18
7.3
9.3
0.032
1.65
0.80
0.900
0.600
1.65
0.043
CTTCMCF-19
4
14.5
0.012
1.70
0.90
1.200
0.700
1.65
0.060
CTTCMCF-20
2.4
17
0.008
1.70
0.90
1.200
0.700
1.65
0.067
CTTCMCF-21
1
20
0.007
1.70
0.90
1.200
0.700
1.65
0.067
Not Shown at Actual Size
CHARACTERISTICS
Description: Common mode inductors with header
Applications: EMI suppression capability over wide frequency spectrum
Operating Temperature: -55°C to +105°C
IDC: Rated current which causes approx. 35°C temperature rise
Dielectric Strength: 1500 Vrms
Miscellaneous: RoHS Compliant. Single layer wound; coil mounted on VW-1 rated
plastic header
Additional Information: Additional electrical & physical information available upon
request.
Samples available. See website for ordering information.
3
4
2
1
0.12 min.
A
E
F
C
0.15
B
0.09
D
2
1
3
4
Unit: inches
2
1
3
4
0.12 min.
B
D
F
C
0.20
A
E
2
1
3
4
Unit: inches
CTTCMCF-01~03
CTTCMCF-04~21


Similar Part No. - CTTCMCF-08

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTC1103F CT-CTTC1103F Datasheet
411Kb / 1P
RFID Transponder Coils
CTTC4308F CT-CTTC4308F Datasheet
433Kb / 1P
RFID Transponder Coils
CTTCC CT-CTTCC Datasheet
258Kb / 2P
Chip Tantalum Capacitor
CTTCCA105K010T CT-CTTCCA105K010T Datasheet
258Kb / 2P
Chip Tantalum Capacitor
CTTCCA105K050T CT-CTTCCA105K050T Datasheet
258Kb / 2P
Chip Tantalum Capacitor
More results

Similar Description - CTTCMCF-08

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-16016H RHOMBUS-IND-L-16016H Datasheet
24Kb / 1P
Common Mode Inductor
3/7/97
L-287 RHOMBUS-IND-L-287 Datasheet
22Kb / 1P
Common Mode Inductor
10/21/97
L-319 RHOMBUS-IND-L-319 Datasheet
22Kb / 1P
Common Mode Inductor
11/22/96
L-45075 RHOMBUS-IND-L-45075 Datasheet
24Kb / 1P
Common Mode Inductor
4/28/99
L-692 RHOMBUS-IND-L-692 Datasheet
48Kb / 1P
Common Mode Inductor
4/10/2001
L-14113 RHOMBUS-IND-L-14113 Datasheet
39Kb / 1P
Common Mode Inductor
3/20/01
L-14212 RHOMBUS-IND-L-14212 Datasheet
19Kb / 1P
Common Mode Inductor
11/08/99
logo
SCHOTT CORPORATION
34518 SCHOTT-34518 Datasheet
21Kb / 1P
INDUCTOR, COMMON MODE
logo
Rhombus Industries Inc.
L-16011 RHOMBUS-IND-L-16011 Datasheet
21Kb / 1P
Common Mode Inductor
1/21/00
logo
XFMRS Inc.
XF5306-HMCMC XFMRS-XF5306-HMCMC Datasheet
39Kb / 1P
COMMON MODE INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com