Electronic Components Datasheet Search
  English  ▼

X  

BSI0004 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BSI0004
Description  Inclination Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BSI0004 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BSI0004 Datasheet HTML 1Page - Balluff Korea Ltd. BSI0004 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inclination Sensors
BSI R11A0-XB-CXP360-S75G
Order Code: BSI0004
Internet
www.balluff.com
eCl@ss 9.1: 27-27-11-01
Subject to change without notice: 225339
ETIM 6.0: EC001852
BSI0004_0.44_2021-04-02
1 / 2
Basic features
Approval/Conformity
CE
WEEE
EAC
Basic standard
EN 61326-1
Measuring principle
Fluid
Electrical connection
Connection
M8x1
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Current draw max.
33 mA
Operating voltage Ub
10...30 VDC
Protection class
III
Rated operating voltage Ue DC
24 V
Ready delay tv max.
1 s
Environmental conditions
Ambient temperature
-40...85 °C
Contamination scale
2
EN 60068-2-27, Shock
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Relative humidity
95 %, non-condensing
Storage temperature
-40...85 °C
Functional safety
MTTF (40 °C)
256 a
Interface
Analog output
Analog, current 4…20 mA
Material
Housing material
Aluminum
Mechanical data
Dimension
21 x 28 x 87.5 mm
Measuring axes
1
Mounting part
Threads
Rotation direction
Clockwise
Weight
80.00 g
Range/Distance
Accuracy
±0.1 % FS min. 0.1 °
Resolution
≤ 0.01 °
Sampling rate
150 ms
Temperature drift max.
±0.01%/10 K


Similar Part No. - BSI0004

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BSI0002 BALLUFF-BSI0002 Datasheet
122Kb / 2P
Inclination Sensors
0.44_2021-04-15
BSI0003 BALLUFF-BSI0003 Datasheet
112Kb / 2P
Inclination Sensors
0.38_2021-04-02
BSI0005 BALLUFF-BSI0005 Datasheet
197Kb / 3P
Inclination Sensors
0.4_2021-05-20
BSI0006 BALLUFF-BSI0006 Datasheet
143Kb / 3P
Inclination Sensors
0.41_2021-05-20
BSI0007 BALLUFF-BSI0007 Datasheet
143Kb / 3P
Inclination Sensors
0.44_2021-07-07
More results

Similar Description - BSI0004

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BSI000A BALLUFF-BSI000A Datasheet
141Kb / 3P
Inclination Sensors
0.42_2021-05-20
BSI000C BALLUFF-BSI000C Datasheet
141Kb / 3P
Inclination Sensors
0.4_2021-05-20
BSI000E BALLUFF-BSI000E Datasheet
141Kb / 3P
Inclination Sensors
0.4_2021-05-20
BSI0003 BALLUFF-BSI0003 Datasheet
112Kb / 2P
Inclination Sensors
0.38_2021-04-02
BSI0007 BALLUFF-BSI0007 Datasheet
143Kb / 3P
Inclination Sensors
0.44_2021-07-07
BSI000U BALLUFF-BSI000U Datasheet
196Kb / 3P
Inclination Sensors
0.39_2021-05-20
BSI000Y BALLUFF-BSI000Y Datasheet
138Kb / 3P
Inclination Sensors
0.4_2021-05-20
BSI0013 BALLUFF-BSI0013 Datasheet
137Kb / 3P
Inclination Sensors
0.38_2021-05-20
BSI0015 BALLUFF-BSI0015 Datasheet
133Kb / 3P
Inclination Sensors
0.42_2021-05-20
BSI0018 BALLUFF-BSI0018 Datasheet
222Kb / 3P
Inclination Sensors
0.44_2021-05-20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com