Electronic Components Datasheet Search
  English  ▼

X  

ML7029 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML7029
Description  Multifunction ADPCM CODEC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7029 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML7029 Datasheet HTML 2Page - OKI electronic componets ML7029 Datasheet HTML 3Page - OKI electronic componets ML7029 Datasheet HTML 4Page - OKI electronic componets ML7029 Datasheet HTML 5Page - OKI electronic componets ML7029 Datasheet HTML 6Page - OKI electronic componets ML7029 Datasheet HTML 7Page - OKI electronic componets ML7029 Datasheet HTML 8Page - OKI electronic componets ML7029 Datasheet HTML 9Page - OKI electronic componets ML7029 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
FEDL7029-03
OKI Semiconductor
ML7029
6/29
SYMC
Sampling input for the PCM and ADPCM data. The frequency is 8 kHz or 11.025 kHz and is selected by the
control register data CR3-B1.
Synchronize this signal with BCLK signal. SYNC is used to indicate the MSB of the PCM data stream. Refer to
Figure 1.
Figure 1
PCM and ADPCM Interface Basic Timing
125
µs (SYNC = 8 kHz)
BCLK
SYNC
MSB
LSB
PCMSO/PCMSI/
PCMRO/PCMRI
MSB
LSB
IS/IR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com