Electronic Components Datasheet Search
  English  ▼

X  

ML7033GA Datasheet(PDF) 39 Page - OKI electronic componets

Part # ML7033GA
Description  Dual-Channel Line Card CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7033GA Datasheet(HTML) 39 Page - OKI electronic componets

Back Button ML7033GA Datasheet HTML 35Page - OKI electronic componets ML7033GA Datasheet HTML 36Page - OKI electronic componets ML7033GA Datasheet HTML 37Page - OKI electronic componets ML7033GA Datasheet HTML 38Page - OKI electronic componets ML7033GA Datasheet HTML 39Page - OKI electronic componets ML7033GA Datasheet HTML 40Page - OKI electronic componets ML7033GA Datasheet HTML 41Page - OKI electronic componets ML7033GA Datasheet HTML 42Page - OKI electronic componets ML7033GA Datasheet HTML 43Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
FEDL7033-02
1Semiconductor
ML7033
39/51
CR11 (Ringing_ON and Trapezoid crest factors control)
B7
B6
B5
B4
B3
B2
B1
B0
CR11
CH2
RING
CH2TG1
TRP2
CH2TG1
TRP1
CH2TG1
TRP0
CH1
RING
CH1TG1
TRP2
CH1TG1
TRP1
CH1TG1
TRP0
default
000
000
00
B7
… CH2 Tone Generator 1 (TG1) function select
0 : CH2TG1 works as a non-ringing tone generator (300 to 3400 Hz)
1 : CH2TG1 works as a ringing tone generator (15 to 50 Hz)
The frequency and level of CH2TG1 are set by CR16 to CR17.
B6 to B4
… CH2 ringing tone waveform setting
This 3-bit field determines the type of ringing tone waveform for TG1 on CH2. A
sinusoidal waveform, or a trapezoidal waveform with a crest factor between 1.225 V and
1.375 V at 0.025 V intervals, can be selected as shown in Table 15. For a definition of
‘crest factor’, refer to Figure 13. These bits are valid when the CH2RING (CR11-B7) bit is
set.
B3
… CH1 TG1 function select
0 : CH1TG1 works as a non-ringing tone generator (300 to 3400 Hz)
1 : CH1TG1 works as a ringing tone generator (15 to 50 Hz)
The frequency and level of CH1TG1 are set by CR9 to CR10.
B2 to B0
… CH1 ringing tone waveform setting
This 3-bit field determines the type of ringing tone waveform for TG1 on CH1. A
sinusoidal waveform, or a trapezoidal waveform with a crest factor between 1.225 V and
1.375 V at 0.025 V intervals, can be selected as shown in Table 15. For a definition of
‘crest factor’, refer to Figure 13. These bits are valid when the CH1RING (CR11-B3) bit is
set.
Figure 13 Ringing Tone Waveform
Table 15 Crest Factor Setting
B6/B2
TG1 TRP2
B5/B1
TG1 TRP1
B4/B0
TG1 TRP0
Crest Factor
00
0
OFF
0
0
1
1.225
0
1
0
1.250
0
1
1
1.275
1
0
0
1.300
1
0
1
1.325
1
1
0
1.350
1
1
1
1.375
a
1
a
Vp
3
/
4
1
/
1
a
r
CrestFacto
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com