Electronic Components Datasheet Search
  English  ▼

X  

BSP00FU Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BSP00FU
Description  Pressure Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BSP00FU Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BSP00FU Datasheet HTML 1Page - Balluff Korea Ltd. BSP00FU Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pressure Sensors
BSP B160-HV004-A06A1A-S4
Order Code: BSP00FU
Internet
www.balluff.com
eCl@ss 9.1: 27-20-13-02
Subject to change without notice: 232821
ETIM 6.0: EC000243
BSP00FU_0.53_2021-08-31
1 / 2
Basic features
Approval/Conformity
CE
UKCA
cULus
EAC
WEEE
Electrical connection
Connection
M12x1-Male, 4-pin, A-coded
Electrical version
2-wire
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
Current draw max.
25 mA
Load cycles
100 mil.
Operating voltage Ub
8...32 VDC
Protection class
III
Environmental conditions
Ambient temperature
-25...85 °C
Compensation temperature
-25...85 °C
EN 60068-2-27, Shock
500 g, 1 ms
EN 60068-2-6, Vibration
10 g, 25…2000 Hz
IP rating
IP67
Interference immunity
EN 61326-2-3: 2013
Media temperature
-40...125 °C
Noise emission
EN 61326-2-3: 2013
Storage temperature
-40...85 °C
Temperature coefficient typ.
≤ ±0.5 % FSO/10K
Functional safety
MTTF (40 °C)
1388 a
Interface
Analog output
Analog, current 4…20 mA
Material
Connector housing, material
Nickel-plated brass
Gasket, material
FKM
Housing material
1.4301 stainless steel
Measuring cell, material
Ceramic Al2O3
Process connection material
1.4301 stainless steel
Mechanical data
Process connection
G 1/2" (DIN 3852)
Tightening torque max.
10 Nm
Weight
120 g
Range/Distance
Accuracy
±0.5 % FSO BFSL
Burst pressure
500 bar
Long-term stability max.
0.3 % FSO/year
Measuring range
0...160 bar
Overload pressure
400 bar
Resolution
≤ 14 bits
Response time max.
18 ms
Sampling rate
1 ms


Similar Part No. - BSP00FU

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BSP00F3 BALLUFF-BSP00F3 Datasheet
120Kb / 2P
Pressure Sensors
0.53_2021-08-31
BSP00FT BALLUFF-BSP00FT Datasheet
121Kb / 2P
Pressure Sensors
0.52_2021-08-31
BSP00FW BALLUFF-BSP00FW Datasheet
120Kb / 2P
Pressure Sensors
0.51_2021-08-31
BSP00FY BALLUFF-BSP00FY Datasheet
120Kb / 2P
Pressure Sensors
0.51_2021-08-31
BSP00FZ BALLUFF-BSP00FZ Datasheet
120Kb / 2P
Pressure Sensors
0.51_2021-08-31
More results

Similar Description - BSP00FU

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
PRESSURE SENSORS
logo
EPCOS
B58600H8400A037 EPCOS-B58600H8400A037 Datasheet
143Kb / 8P
Pressure sensors
B58601G5010A001 EPCOS-B58601G5010A001 Datasheet
116Kb / 8P
Pressure sensors
B58601H8000A035 EPCOS-B58601H8000A035 Datasheet
138Kb / 8P
Pressure sensors
B58620T0510A001 EPCOS-B58620T0510A001 Datasheet
130Kb / 8P
Pressure sensors
logo
SICK AG
PBT-RB250SG1SEFALA0Z SICK-PBT-RB250SG1SEFALA0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
2016-08-17
PBT-RB400AN1SE0AMA0Z SICK-PBT-RB400AN1SE0AMA0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
2016-08-17
PBT-RB1X0SG1SSNVLC0Z SICK-PBT-RB1X0SG1SSNVLC0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
PBT-RB1X0SGTSSNVLC0Z SICK-PBT-RB1X0SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
PBT-RB010SGTSSNVLC0Z SICK-PBT-RB010SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com