Electronic Components Datasheet Search
  English  ▼

X  

ADP1649 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1649
Description  1.0 A LED Flash Driver with I2C-Compatible Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1649 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1649 Datasheet HTML 17Page - Analog Devices ADP1649 Datasheet HTML 18Page - Analog Devices ADP1649 Datasheet HTML 19Page - Analog Devices ADP1649 Datasheet HTML 20Page - Analog Devices ADP1649 Datasheet HTML 21Page - Analog Devices ADP1649 Datasheet HTML 22Page - Analog Devices ADP1649 Datasheet HTML 23Page - Analog Devices ADP1649 Datasheet HTML 24Page - Analog Devices ADP1649 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
ADP1649
Rev. 0 | Page 21 of 28
Table 13. Output Mode Register (Register 0x04)
Bit
Bit Name
R/W
Description
[7:6]
IL_PEAK
R/W
Inductor peak current-limit setting
00 = 1.75 A
01 = 2.25 A
10 = 2.75 A (default)
11 = reserved
5
STR_LV
R/W
0 = edge sensitive
1 = level sensitive (default)
4
FREQ_FB
R/W
0 = frequency foldback to 1.5 MHz not allowed (default)
1 = frequency foldback to 1.5 MHz allowed
3
OUTPUT_EN
R/W
0 = output off (default)
1 = output on
2
STR_MODE
R/W
0 = software strobe mode (software flash occurs when output is enabled in flash mode)
1 = hardware strobe mode (the STROBE pin must go high for flash) (default)
[1:0]
LED_MOD
R/W
Configures LED output mode
00 = standby mode (default)
01 = voltage output mode, VOUT = 5 V
10 = assist light mode
11 = flash mode
Table 14. Fault Information Register (Register 0x05)
Bit
Bit Name
R/W
Description
7
FL_OVP
R
0 = no fault (default)
1 = overvoltage fault
6
FL_SC
R
0 = no fault (default)
1 = short-circuit fault
5
FL_OT
R
0 = no fault (default)
1 = overtemperature fault
4
FL_TO
R
0 = no fault (default)
1 = timeout fault
3
FL_TX1
R
0 = no TxMASK1 operation mode during last flash (default)
1 = TxMASK1 operational mode occurred during last flash
2
FL_IO2
R
If GPIO2 is configured as TxMASK2
0 = no TxMASK2 operation mode during last flash (default)
1 = TxMASK2 operational mode occurred during last flash
If GPIO2 is configured as ILED
0 = no fault (default)
1 = indicator LED fault
1
FL_IL
R
0 = no fault (default)
1 = inductor peak current-limit fault
0
FL_IDC
R
0 = programmed dc current limit is not hit (default)
1 = programmed dc current limit is hit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com